Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT7204 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT7204
Description  61-CHANNEL BUFFER FOR TFT LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT7204 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT7204 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 2 of 12
V 0.1
AAT7204
PIN DESCRIPTION
PIN NO.
NAME
I/O
DESCRIPTION
1
DD
V
I
Power Supply
2
o1
O
Buffer Channel 1 Output
3
o2
O
Buffer Channel 2 Output
4
o3
O
Buffer Channel 3 Output
5
o4
O
Buffer Channel 4 Output
6
o5
O
Buffer Channel 5 Output
7
o6
O
Buffer Channel 6 Output
8
NC
-
-
9
com
O
O
Com Buffer Output
10
GND
I
Ground
11
GND
I
Ground
12
com
I
I
Com Buffer Input
13
NC
-
-
14
i6
I
Buffer Channel 6 Input
15
i5
I
Buffer Channel 5 Input
16
i4
I
Buffer Channel 4 Input
17
i3
I
Buffer Channel 3 Input
18
i2
I
Buffer Channel 2 Input
19
i1
I
Buffer Channel 1 Input
20
DD
V
I
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com