Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT7204 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT7204
Description  61-CHANNEL BUFFER FOR TFT LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT7204 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT7204 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 12Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 11 of 12
V 0.1
AAT7204
PACKAGE DIMENSION (CONT.)
SOP20
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
A
2.36
2.49
2.64
0.093
0.098
0.104
A1
0.10
---
0.30
0.004
---
0.012
A2
---
2.31
---
---
0.091
---
b
0.33
0.41
0.51
0.013
0.016
0.020
C
0.18
0.23
0.28
0.007
0.009
0.011
D
12.60
12.80
12.90
0.496
0.504
0.508
E
10.01
10.31
10.64
0.394
0.406
0.419
E1
7.39
7.49
7.59
0.291
0.295
0.299
e
---
1.27
---
---
0.050
---
L
0.38
0.81
1.27
0.015
0.032
0.050
y
---
---
0.076
---
---
0.003
θ
o
0
---
o
8
o
0
---
o
8
Note:
1. CONTROLLING DIMENSION: INCH
2. LEAD FRAME MATERIAL: COPPER 194
3. DIMENSION “D” DOES NOT INCLUDE MOLD FLASH, TIE BAR BURRS AND GATE BURRS.
MOLD FALSH,
TIE BAR BURRS AND GATE BURRS SHALL NOT EXCEED 0.006” [0.15 MILLIMETERS] PER END.
DIMENSION
“E1” DOES NOT INCLUDE INTERLEAD FLASH.
INTERLEAD FLASH SHALL NOT EXCEED0.010” [0.25
MILLIMETERS] PER SIDE.
4. DIMENSION “b” DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.003” [0.08 MILLIMETERS] TOTAL IN EXCESS OF THE “b” DIMENSION AT MAXIMUM MATERIAL
CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSION AND AN ADJACENT LEAD TO BE 0.0028” [0.07 MILLIMETERS]
5. TOLERANCE:
± 0.010” [0.25 MILLIMETERS] UNLESS OTHERWISE SPECIFIED
6. OTHERWISE DIMENSION FOLLOW ACCEPTABLE SPEC
7. REFERENCE DOCUMENT: JEDEC SPEC MS-013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com