Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT7204 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT7204
Description  61-CHANNEL BUFFER FOR TFT LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT7204 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT7204 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 3 of 12
V 0.1
AAT7204
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS
SYMBOL
VALUE
UNIT
Supply Voltage
DD
V
+18
V
Input Voltage
I
V
5
.
0
−
to
5
.
0
V
DD +
V
Output Voltage
O
V
5
.
0
−
to
5
.
0
V
DD +
V
Output Loading Current for Gamma ,
Rail-to-Rail Buffer
30
±
mA
Output Loading Current for Com Buffer
L
I
100
±
mA
Maximum Junction Temperature
J
T
+125
oC
Operating Temperature
C
T
20
−
to +85
oC
Storage Temperature
storage
T
45
−
to +125
oC
Lead Temperature (Soldering for 10
Seconds)
---
260
oC
Note 1: Values beyond absolute maximum ratings may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com