Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT7204 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT7204
Description  61-CHANNEL BUFFER FOR TFT LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT7204 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT7204 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 5 of 12
V 0.1
AAT7204
OUTPUT CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
L
I =5mA (Buffer 1, 6)
I
V =0V
-
0.08
0.15
V
Output Swing Low
OL
V
L
I =10mA (Buffer 2, 3, 4, 5)
I
V =1V
-
1.02
1.05
V
L
I= 5
− mA (Buffer 1, 6)
I
V =10V
9.85
9.92
-
V
Output Swing High
OH
V
L
I= 10
−
mA (Buffer 2, 3, 4, 5)
I
V =9V
8.95
8.98
-
V
OL
V
L
I =10mA,
I
V =5V
-
5.02
5.04
V
Output Swing
(Buffer 2, 3, 4, 5)
OH
V
L
I= 10
−
mA,
I
V =5V
4.96
4.98
-
V
OL
V
L
I =50mA,
I
V =5V
-
5.03
5.05
V
Output Swing (COM)
OH
V
IL= 50
−
mA,
I
V =5V
4.95
4.97
-
V
(Buffer 2~5 )
-
70
±
-
mA
Short Circuit Current
ISC
(Com Buffer, Buffer1, 6)
-
180
±
-
mA
AC Characteristics
Parameter
Test Conditions
Min
Typ
Max
Units
Slew Rate (Note 2)
SR
I
V =2V to 8V,
20% to 80%
-
1
-
V/ s
µ
Settling Time
s
t
I
V =4.5V to 5.5V
0.1%
I
V =5.5V to 4.5V
0.1%
-
5
-
s
µ
Note 2: Slew rate is measured on rising and falling edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com