Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT7204 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT7204
Description  61-CHANNEL BUFFER FOR TFT LCD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT7204 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT7204 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT7204 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 1 of 12
V 0.1
AAT7204
Details are subject to change without notice
6+1-CHANNEL BUFFER FOR TFT LCD
FEATURES
6+1 Channel:
6 Channels with an Output Current of
mA
30
±
(MAX); 1
com
V
with an Output
Current of
mA
100
±
(MAX)
Unity Gain Buffer Capable of Driving
Large Capacitive Loads
Input Range Matched to LCD Reference
Requirements
DD
V
Specified for 6.5V to 16.0V
TSSOP Power PAD-20 & SOP20 Package
Available
GENERAL DESCRIPTION
The AAT7204 consists of 6+1 channel buffers
target toward the needs of thin film transistor
liquid crystal display (TFT LCD). This device
consists of a
com
V
buffer circuits, two
rail-to-rail buffer amplifier circuits and 4
buffer amplifier circuits. Each buffer is capable
of driving heavy capacitive loads and offering
fast current loading (
com
V
: 100mA, the others:
30mA).
The AAT7204 comes in alternative TSSOP
Power PAD-20 or SOP20 package.
Diversity
makes this device an ideal part for LCD
monitors and LCD TVs.
PIN CONFIGURATION
TOP VIEW
TSSOP Power PAD-20 & SOP20 Package


Similar Part No. - AAT7204

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200 Datasheet
490Kb / 16P
141-Channel Buffer for TFT LCD
V 1.0
AAT7200 AAT-AAT7200 Datasheet
218Kb / 11P
141-Channel Buffer for TFT LCD
V 3.0
AAT7200-T3-T AAT-AAT7200-T3-T Datasheet
490Kb / 16P
141-Channel Buffer for TFT LCD
V 1.0
AAT7200A AAT-AAT7200A Datasheet
490Kb / 16P
141-Channel Buffer for TFT LCD
V 1.0
AAT7200A AAT-AAT7200A Datasheet
218Kb / 11P
141-Channel Buffer for TFT LCD
V 3.0
More results

Similar Description - AAT7204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT7203 ETC-AAT7203 Datasheet
293Kb / 9P
41-CHANNEL BUFFER FOR TFT LCD
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200 Datasheet
490Kb / 16P
141-Channel Buffer for TFT LCD
V 1.0
AAT7201 AAT-AAT7201 Datasheet
597Kb / 14P
101-Channel Buffer for TFT LCD
V 0.1
AAT7202 AAT-AAT7202 Datasheet
349Kb / 9P
121-Channel Buffer for TFT LCD
V 0.1
AAT7205 AAT-AAT7205 Datasheet
316Kb / 10P
81-CHANNEL BUFFER FOR TFT LCD
V 1.0
logo
STMicroelectronics
TSL1014 STMICROELECTRONICS-TSL1014 Datasheet
246Kb / 15P
14 1 channel buffer for TFT-LCD panels
07-Mar-2007
TSL1018 STMICROELECTRONICS-TSL1018 Datasheet
267Kb / 15P
18 1 channel buffer for TFT-LCD panels
15-Jul-2008
TSL1020 STMICROELECTRONICS-TSL1020 Datasheet
244Kb / 16P
20 1 channel buffer for TFT-LCD panels
28-Jan-2008
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200_3 Datasheet
218Kb / 11P
141-Channel Buffer for TFT LCD
V 3.0
AAT7203 AAT-AAT7203 Datasheet
277Kb / 9P
41-CHANNEL BUFFER FOR TFT LCD
V 0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com