Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSCQ Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LSCQ
Description  SMD Ceramic Multilayer Chip Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LSCQ Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LSCQ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Electrical Characteristics
Part Number
Inductance
(nH)
Tolerance
(±%)
Q
Min
Test
Freq.
(MHz)
Q Typical
SRF
(MHz)
Min
RDC
(Ω) Max
IDC
(mA)
Max
500
MHz
800
MHz
1.8
GHz
2.0
GHz
2.4
GHz
LSCQ00060303 0N6□00
0.6
±0.1nH/±0.2nH/±0.3nH
14
500
>24
>32
>54
>57
>65
10000
0.06
900
LSCQ00060303 0N7□00
0.7
±0.1nH/±0.2nH/±0.3nH
14
500
>24
>32
>54
>57
>65
10000
0.06
900
LSCQ00060303 0N8□00
0.8
±0.1nH/±0.2nH/±0.3nH
14
500
>24
>32
>54
>57
>65
10000
0.06
900
LSCQ00060303 0N9□00
0.9
±0.1nH/±0.2nH/±0.3nH
14
500
>24
>32
>54
>57
>65
10000
0.06
900
LSCQ00060303 1N0□00
1.0
±0.1nH/±0.2nH/±0.3nH
14
500
23
32
54
57
65
10000
0.07
850
LSCQ00060303 1N1□00
1.1
±0.1nH/±0.2nH/±0.3nH
14
500
22
26
45
47
55
10000
0.07
850
LSCQ00060303 1N2□00
1.2
±0.1nH/±0.2nH/±0.3nH
14
500
22
25
43
44
52
10000
0.08
800
LSCQ00060303 1N3□00
1.3
±0.1nH/±0.2nH/±0.3nH
14
500
19
25
40
42
47
10000
0.09
760
LSCQ00060303 1N4□00
1.4
±0.1nH/±0.2nH/±0.3nH
14
500
19
24
339
41
47
10000
0.12
640
LSCQ00060303 1N5□00
1.5
±0.1nH/±0.2nH/±0.3nH
14
500
19
24
39
41
46
10000
0.15
600
LSCQ00060303 1N6□00
1.6
±0.1nH/±0.2nH/±0.3nH
14
500
19
24
39
41
46
10000
0.19
510
LSCQ00060303 1N7□00
1.7
±0.1nH/±0.2nH/±0.3nH
14
500
19
24
39
41
46
10000
0.11
680
LSCQ00060303 1N8□00
1.8
±0.1nH/±0.2nH/±0.3nH
14
500
19
24
39
41
46
10000
0.12
640
LSCQ00060303 1N9□00
1.9
±0.1nH/±0.2nH/±0.3nH
14
500
18
24
38
40
45
10000
0.13
620
LSCQ00060303 2N0□00
2.0
±0.1nH/±0.2nH/±0.3nH
14
500
17
24
38
39
44
10000
0.15
600
LSCQ00060303 2N1□00
2.1
±0.1nH/±0.2nH/±0.3nH
14
500
17
24
37
39
44
10000
0.16
550
L SCQ000603032N2□00
2.2
±0.1nH/±0.2nH/±0.3nH
14
500
17
24
38
40
43
10000
0.20
500
LSCQ00060303 2N3□00
2.3
±0.1nH/±0.2nH/±0.3nH
14
500
17
24
37
39
43
10000
0.24
460
LSCQ00060303 2N4□00
2.4
±0.1nH/±0.2nH/±0.3nH
14
500
17
23
36
38
42
10000
0.26
430
LSCQ0006030 32N5□00
2.5
±0.1nH/±0.2nH/±0.3nH
14
500
17
23
35
36
40
10000
0.28
415
LSCQ00060303 2N6□00
2.6
±0.1nH/±0.2nH/±0.3nH
14
500
17
22
34
35
39
10000
0.30
405
LSCQ00060303 2N7□00
2.7
±0.1nH/±0.2nH/±0.3nH
14
500
17
22
34
35
39
10000
0.32
400
LSCQ00060303 2N8□00
2.8
±0.1nH/±0.2nH/±0.3nH
14
500
17
22
34
35
39
9500
0.20
500
LSCQ00060303 2N9□00
2.9
±0.1nH/±0.2nH/±0.3nH
14
500
17
22
34
35
39
9300
0.22
480
LSCQ00060303 3N0□00
3.0
±0.1nH/±0.2nH/±0.3nH
14
500
17
22
34
35
39
9100
0.24
460
LSCQ00060303 3N1□00
3.1
±0.1nH/±0.2nH/±0.3nH
14
500
17
22
34
35
39
8900
0.25
450
LSCQ00060303 3N2□00
3.2
±0.1nH/±0.2nH/±0.3nH
14
500
17
22
33
35
39
8700
0.28
415
LSCQ00060303 3N3□00
3.3
±0.1nH/±0.2nH/±0.3nH
14
500
18
23
34
36
40
8600
0.28
415
LSCQ00060303 3N4□00
3.4
±0.1nH/±0.2nH/±0.3nH
14
500
17
23
33
35
39
8400
0.29
410
LSCQ00060303 3N5□00
3.5
±0.1nH/±0.2nH/±0.3nH
14
500
17
23
33
35
39
8200
0.30
405
LSCQ00060303 3N6□00
3.6
±0.1nH/±0.2nH/±0.3nH
14
500
16
23
33
35
39
8100
0.32
400
LSCQ00060303 3N7□00
3.7
±0.1nH/±0.2nH/±0.3nH
14
500
16
23
33
35
38
8000
0.36
370
LSCQ00060303 3N8□00
3.8
±0.1nH/±0.2nH/±0.3nH
14
500
16
22
33
35
38
7800
0.40
355
LSCQ00060303 3N9□00
3.9
±0.1nH/±0.2nH/±0.3nH
14
500
16
22
33
35
38
7700
0.41
350
Note: When ordering, please specify tolerance code. Tolerance : B=±0.1nH , C=±0.2nH , S=±0.3nH , H=±3% , J=±5%
Operating temperature range-55℃~125℃(Including self - temperature rise)
 IDC:
Applied the current to coils, the inductance shall be less than 10% initial value
 Residual impedance of short chip : 0.48nH
 Measure Equipment:
L & Q:Agilent E4991A+Agilent 16197A
SRF:Agilent E4991A or HP19196C
RDC:HP4338B or CHEN HWA 502
LSCQ Series
Rev 2.0 :
www.leiditech.com
12.01.2019
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com