Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSCQ Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LSCQ
Description  SMD Ceramic Multilayer Chip Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LSCQ Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LSCQ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Test Instruments:Agilent E4991A Material/Impedance Analyzer
LSCQ000603031N2B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.08Ω SRF:10000MHz IDC:800 mA
0
10
20
30
40
50
60
70
80
LSCQ000603031N3B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.09Ω SRF:10000MHz IDC:760 mA
0
10
20
30
40
50
60
70
80
LSCQ000603031N4B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.12Ω SRF:10000MHz IDC:640 mA
0
10
20
30
40
50
60
70
80
LSCQ000603031N5B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:10000MHz IDC:600 mA
0
10
20
30
40
50
60
70
80
LSCQ000603031N6B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.19Ω SRF:10000MHz IDC:510 mA
0
10
20
30
40
50
60
70
80
LSCQ000603031N7B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.11Ω SRF:10000MHz IDC:680 mA
0
10
20
30
40
50
60
70
80
LSCQ000603031N8B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.12Ω SRF:10000MHz IDC:640 mA
0
10
20
30
40
50
60
70
80
LSCQ000603031N9B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.13Ω SRF:10000MHz IDC:620 mA
0
10
20
30
40
50
60
70
80
LSCQ000603032N0B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:10000MHz IDC:600 mA
0
10
20
30
40
50
60
70
80
LSCQ000603032N1B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.16Ω SRF:10000MHz IDC:550 mA
0
10
20
30
40
50
60
70
80
LSCQ000603032N2B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SRF:10000MHz IDC:500 mA
0
10
20
30
40
50
60
70
80
LSCQ000603032N3B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:10000MHz IDC:460 mA
0
10
20
30
40
50
60
70
80
LSCQ000603032N4B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.26Ω SRF:10000MHz IDC:430 mA
0
10
20
30
40
50
60
70
80
LSCQ000603032N5B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.28Ω SRF:10000MHz IDC:415 mA
0
10
20
30
40
50
60
70
80
LSCQ000603032N6B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.3Ω SRF:10000MHz IDC:405 mA
0
10
20
30
40
50
60
70
80
LSCQ Series
Rev 2.0 :
www.leiditech.com
12.01.2019
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com