Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSCQ Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LSCQ
Description  SMD Ceramic Multilayer Chip Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LSCQ Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LSCQ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics
Part Number
Inductance
(nH)
Tolerance
(±%)
Q
Min
Test
Freq.
(MHz)
Q Typical
SRF
(MHz)
Min
RDC
(Ω) Max
IDC
(mA)
Max
500
MHz
800
MHz
1.8
GHz
2.0
GHz
2.4
GHz
LSCQ00060303 4N3□00
4.3
±0.2nH/±0.3nH
14
500
16
21
32
34
37
6500
0.48
320
LSCQ00060303 4N7□00
4.7
±0.2nH/±0.3nH
14
500
16
22
33
35
38
6400
0.42
350
LSCQ00060303 5N1□00
5.1
±0.2nH/±0.3nH
14
500
17
22
34
36
38
6100
0.45
330
LSCQ00060303 5N6□00
5.6
±0.2nH/±0.3nH
14
500
16
21
33
34
37
5500
0.47
325
LSCQ00060303 6N2□00
6.2
±0.2nH/±0.3nH
14
500
18
23
34
35
37
5100
0.52
305
LSCQ00060303 6N8□00
6.8
3 / 5
14
500
17
22
32
33
35
4800
0.55
305
LSCQ00060303 7N5□00
7.5
3 / 5
14
500
16
21
31
33
34
4600
0.55
305
LSCQ00060303 8N2□00
8.2
3 / 5
14
500
16
21
31
32
34
4300
0.57
290
LSCQ00060303 9N1□00
9.1
3 / 5
14
500
16
20
30
31
32
4000
0.65
270
LSCQ00060303 10N□00
10
3 / 5
14
500
16
20
28
29
31
3800
0.85
230
LSCQ00060303 12N□00
12
3 / 5
14
500
16
20
27
28
28
3300
0.85
230
LSCQ00060303 15N□00
15
3 / 5
14
500
15
19
24
24
23
2600
0.89
220
LSCQ00060303 18N□00
18
3 / 5
14
500
15
19
23
24
22
2300
1.05
205
LSCQ00060303 22N□00
22
3 / 5
14
500
15
19
22
23
20
1900
1.29
190
Note: When ordering, please specify tolerance code. Tolerance : B=±0.1nH , C=±0.2nH , S=±0.3nH , H=±3% , J=±5%
Operating temperature range-55℃~125℃(Including self - temperature rise)
 IDC:
Applied the current to coils, the inductance shall be less than 10% initial value
 Residual impedance of short chip : 0.48nH
 Measure Equipment:
L & Q:Agilent E4991A+Agilent 16197A
SRF:Agilent E4991A or HP19196C
RDC:HP4338B or CHEN HWA 502
Test Instruments:Agilent E4991A Material/Impedance Analyzer
LSCQ000603030N6B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.06Ω SRF:10000MHz IDC:900 mA
0
10
20
30
40
50
60
70
80
90
100
LSCQ000603030N7B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.06Ω SRF:10000MHz IDC:900 mA
0
10
20
30
40
50
60
70
80
90
100
LSCQ000603030N8B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.06Ω SRF:10000MHz IDC:900 mA
0
10
20
30
40
50
60
70
80
90
100
LSCQ000603030N9B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.06Ω SRF:10000MHz IDC:900 mA
0
10
20
30
40
50
60
70
80
90
100
LSCQ000603031N0B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.07Ω SRF:10000MHz IDC:850 mA
0
10
20
30
40
50
60
70
80
LSCQ000603031N1B00
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.07Ω SRF:10000MHz IDC:850 mA
0
10
20
30
40
50
60
70
80
LSCQ Series
Rev 2.0 :
www.leiditech.com
12.01.2019
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com