Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSCQ Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LSCQ
Description  SMD Ceramic Multilayer Chip Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LSCQ Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LSCQ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Test Instruments:Agilent E4991A Material/Impedance Analyzer
LSCQ000603035N1C00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.45Ω SRF:6100MHz IDC:330 mA
0
10
20
30
40
50
60
LSCQ000603035N6C00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.47Ω SRF:5500MHz IDC:325 mA
0
10
20
30
40
50
60
LSCQ000603036N2C00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.52Ω SRF:5100MHz IDC:305 mA
0
10
20
30
40
50
60
LSCQ000603036N8H00
0
5
10
15
20
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.55Ω SRF:4800MHz IDC:305 mA
0
10
20
30
40
50
60
LSCQ000603037N5H00
0
5
10
15
20
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.55Ω SRF:4600MHz IDC:305 mA
0
10
20
30
40
50
60
LSCQ000603038N2H00
0
5
10
15
20
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.57Ω SRF:4300MHz IDC:290 mA
0
10
20
30
40
50
60
LSCQ000603039N1H00
0
5
10
15
20
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.65Ω SRF:4000MHz IDC:270 mA
0
10
20
30
40
50
60
LSCQ0006030310NH00
0
5
10
15
20
25
30
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.85Ω SRF:3800MHz IDC:230 mA
0
10
20
30
40
50
60
LSCQ0006030312NH00
0
5
10
15
20
25
30
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.85Ω SRF:3300MHz IDC:230 mA
0
10
20
30
40
50
60
LSCQ0006030315NH00
0
5
10
15
20
25
30
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.89Ω SRF:2600MHz IDC:220 mA
0
10
20
30
40
50
60
LSCQ0006030318NH00
0
10
20
30
40
50
60
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.05Ω SRF:2300MHz IDC:205 mA
0
10
20
30
40
50
60
LSCQ0006030322NH00
0
10
20
30
40
50
60
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<1.29Ω SRF:1900MHz IDC:190 mA
0
10
20
30
40
50
60
LSCQ Series
Rev 2.0 :
www.leiditech.com
12.01.2019
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com