Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSCQ Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LSCQ
Description  SMD Ceramic Multilayer Chip Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LSCQ Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LSCQ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LSCQ Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Test Instruments:Agilent E4991A Material/Impedance Analyzer
LSCQ000603032N7B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.32Ω SRF:10000MHz IDC:400 mA
0
10
20
30
40
50
60
70
80
LSCQ000603032N8B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SRF:9500MHz IDC:500 mA
0
10
20
30
40
50
60
70
80
LSCQ000603032N9B00
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.22Ω SRF:9300MHz IDC:480 mA
0
10
20
30
40
50
60
70
80
LSCQ000603033N0B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:9100MHz IDC:460 mA
0
10
20
30
40
50
60
LSCQ000603033N1B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.25Ω SRF:8900MHz IDC:450 mA
0
10
20
30
40
50
60
LSCQ000603033N2B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.28Ω SRF:8700MHz IDC:415 mA
0
10
20
30
40
50
60
LSCQ000603033N3B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.28Ω SRF:8600MHz IDC:415 mA
0
10
20
30
40
50
60
LSCQ000603033N4B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.29Ω SRF:8400MHz IDC:410 mA
0
10
20
30
40
50
60
LSCQ000603033N5B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.3Ω SRF:8200MHz IDC:405 mA
0
10
20
30
40
50
60
LSCQ000603033N6B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.32Ω SRF:8100MHz IDC:400 mA
0
10
20
30
40
50
60
LSCQ000603033N7B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.36Ω SRF:8000MHz IDC:370 mA
0
10
20
30
40
50
60
LSCQ000603033N8B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.4Ω SRF:7800MHz IDC:355 mA
0
10
20
30
40
50
60
LSCQ000603033N9B00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.41Ω SRF:7700MHz IDC:350 mA
0
10
20
30
40
50
60
LSCQ000603034N3C00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.48Ω SRF:6500MHz IDC:320 mA
0
10
20
30
40
50
60
LSCQ000603034N7C00
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.42Ω SRF:6400MHz IDC:350 mA
0
10
20
30
40
50
60
LSCQ Series
Rev 2.0 :
www.leiditech.com
12.01.2019
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com