Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 367Page - Renesas Technology Corp SH7041A Datasheet HTML 368Page - Renesas Technology Corp SH7041A Datasheet HTML 369Page - Renesas Technology Corp SH7041A Datasheet HTML 370Page - Renesas Technology Corp SH7041A Datasheet HTML 371Page - Renesas Technology Corp SH7041A Datasheet HTML 372Page - Renesas Technology Corp SH7041A Datasheet HTML 373Page - Renesas Technology Corp SH7041A Datasheet HTML 374Page - Renesas Technology Corp SH7041A Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 923 page
background image
333
12.4.4
Buffer Operation
Buffer operation is a function of channels 0, 3, and 4. TGRC and TGRD can be used as buffer
registers. Table 12.5 shows the register combinations for buffer operation.
Table 12.5
Register Combinations
Channel
General Register
Buffer Register
0
TGR0A
TGR0C
TGR0B
TGR0D
3
TGR3A
TGR3C
TGR3B
TGR3D
4
TGR4A
TGR4C
TGR4B
TGR4D
The buffer operation differs, depending on whether the TGR has been set as an input capture
register or an output compare register.
When TGR Is an Output Compare Register: When a compare-match occurs, the corresponding
channel buffer register value is transferred to the general register. Figure 12.17 shows an example.
Compare match signal
Buffer
register
TCNT
Comparator
General
register
Figure 12.17 Compare Match Buffer Operation
When TGR Is an Input Capture Register: When an input capture occurs, the timer counter
(TCNT) value is transferred to the general register (TGR), and the value that had been held up to
that time in the TGR is transferred to the buffer register (figure 12.18).
Input capture signal
TCNT
Buffer
register
General
register
Figure 12.18 Input Capture Buffer Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com