Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 368Page - Renesas Technology Corp SH7041A Datasheet HTML 369Page - Renesas Technology Corp SH7041A Datasheet HTML 370Page - Renesas Technology Corp SH7041A Datasheet HTML 371Page - Renesas Technology Corp SH7041A Datasheet HTML 372Page - Renesas Technology Corp SH7041A Datasheet HTML 373Page - Renesas Technology Corp SH7041A Datasheet HTML 374Page - Renesas Technology Corp SH7041A Datasheet HTML 375Page - Renesas Technology Corp SH7041A Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 923 page
background image
334
Procedure for Setting Buffer Mode (Figure 12.19):
1.Use the timer I/O control register (TIOR) to set the TGR as either an input capture or output
compare register.
2.Use the timer mode register (TMDR) BFA, and BFB bits to set the TGR for buffer mode.
3.Set the CST bit in the TSTR to 1 to start the count operation.
1
2
3
Select TGR function
Buffer mode
Select buffer mode
Start counting
Buffer mode
Figure 12.19 Buffer Operation Setting Procedure
Buffer Operation Examples—when TGR Is an Output Compare Register: Figure 12.20
shows an example of channel 0 set to PWM mode 1, and the TGRA and TGRC registers set for
buffer operation.
The TCNT counter is cleared by a compare-match B, and the output is a 1 upon compare-match A
and 0 output upon compare-match B. Because buffer mode is selected, a compare-match A
changes the output, and the buffer register TGRC value is simultaneously transferred to the
general register TGRA. This operation is repeated with each occurrence of a compare-match A.
See section 12.4.6, PWM Mode, for details on the PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com