Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 372Page - Renesas Technology Corp SH7041A Datasheet HTML 373Page - Renesas Technology Corp SH7041A Datasheet HTML 374Page - Renesas Technology Corp SH7041A Datasheet HTML 375Page - Renesas Technology Corp SH7041A Datasheet HTML 376Page - Renesas Technology Corp SH7041A Datasheet HTML 377Page - Renesas Technology Corp SH7041A Datasheet HTML 378Page - Renesas Technology Corp SH7041A Datasheet HTML 379Page - Renesas Technology Corp SH7041A Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 923 page
background image
338
Table 12.7 lists the combinations of PWM output pins and registers.
Table 12.7
Combinations of PWM Output Pins and Registers
Output Pin
Channel
Register
PWM Mode 1
PWM Mode 2
0 (AB pair)
TGR0A
TGR0B
TIOC0A
TIOC 0A
TIOC 0B
0 (CD pair)
TGR0C
TGR0D
TIOC0C
TIOC 0C
TIOC 0D
1
TGR1A
TGR1B
TIOC1A
TIOC 1A
TIOC 1B
2
TGR2A
TGR2B
TIOC2A
TIOC 2A
TIOC 2B
3 (AB pair)
TGR3A
TGR3B
TIOC3A
Setting not possible
3 (CD pair)
TGR3C
TGR3D
TIOC3C
4 (AB pair)
TGR4A
TGR4B
TIOC4A
4 (CD pair)
TGR4C
TGR4D
TIOC4C
Note:
PWM output of the period setting TGR is not possible in PWM mode 2.
Procedure for Selecting the PWM Mode (Figure 12.24):
1.Set bits TPSC2–TPSC0 in the TCR to select the counter clock source.At the same time, set
bits CKEG1 and CKEG0 in the TCR to select the desired edge of the input clock.
2.Set bits CCLR2–CCLR0 in the TCR to select the TGR to be used as a counter clear source.
3.Set the period in the TGR selected in step 2, and the duty cycle in another TGR.
4.Using the timer I/O control register (TIOR), set the TGR selected in step 3 to act as an output
compare register, and select the initial value and output value.
5.Set the MD3–MD 0 bits in TMDR to select the PWM mode.
6.Set the CST bit in the TSTR to 1 to let the TCNT start counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com