Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 380 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 380 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 376Page - Renesas Technology Corp SH7041A Datasheet HTML 377Page - Renesas Technology Corp SH7041A Datasheet HTML 378Page - Renesas Technology Corp SH7041A Datasheet HTML 379Page - Renesas Technology Corp SH7041A Datasheet HTML 380Page - Renesas Technology Corp SH7041A Datasheet HTML 381Page - Renesas Technology Corp SH7041A Datasheet HTML 382Page - Renesas Technology Corp SH7041A Datasheet HTML 383Page - Renesas Technology Corp SH7041A Datasheet HTML 384Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 923 page
background image
342
The TSR register TCFD bit is a count direction flag. Read the TCFD flag to confirm whether the
TCNT is incrementing or decrementing.
Table 12.8 shows the correspondence between channels and external clock pins.
Table 12.8
Phase Counting Mode Clock Input Pins
Channel
A Phase Input Pin
B Phase Input Pin
1
TCLKA
TCLKB
2
TCLKC
TCLKD
Procedure for Selecting the Phase Counting Mode (Figure 12.29):
1.Set the MD3–MD0 bits of the timer mode register (TMDR) to select the phase counting mode.
2.Set the CST bit of the timer start register (TSTR) to 1 to start the count.
Phase counting mode
Select phase counting mode
Start counting
Phase counting mode
1
2
Figure 12.29 Procedure for Selecting the Phase Counting Mode
Phase Counting Operation Examples: The phase counting mode uses the phase difference
between two external clocks to increment/decrement the TCNT counter. There are 4 modes,
depending on the count conditions.
Phase Counting Mode 1: Figure 12.30 shows an example of phase counting mode 1 operation.
Table 12.9 lists the up counting and down counting conditions for the TCNT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com