Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 374Page - Renesas Technology Corp SH7041A Datasheet HTML 375Page - Renesas Technology Corp SH7041A Datasheet HTML 376Page - Renesas Technology Corp SH7041A Datasheet HTML 377Page - Renesas Technology Corp SH7041A Datasheet HTML 378Page - Renesas Technology Corp SH7041A Datasheet HTML 379Page - Renesas Technology Corp SH7041A Datasheet HTML 380Page - Renesas Technology Corp SH7041A Datasheet HTML 381Page - Renesas Technology Corp SH7041A Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 923 page
background image
340
PWM Mode Operation Examples—PWM Mode 2 (Figure 12.26): Channels 0 and 1 are set for
synchronous operation, TGR1B register compare-match is used as a TCNT counter clear source,
the other TGR register initial output value is 0 and output compare output value is 1, and a 5-phase
PWM waveform is output. In this example, the value established in the TGR1B register becomes
the period and the value established in the other TGR register becomes the duty cycle.
TGR0A
TGR0B
TGR0C
TGR0D
TGR1A
TGR1B
TCNT value
Time
H'0000
TIOC0A
TIOC0B
TIOC0C
TIOC0D
TIOC1A
Counter cleared on TGR1B compare match
Figure 12.26 PWM Mode Operation Example (Mode 2)
0% Duty Cycle: Figure 12.27 shows an example of a 0% duty cycle PWM waveform output in
PWM mode.
TGRA
TCNT value
TGRB rewrite
TGRB
TIOCA
Time
0% duty cycle
TGRB rewrite
TGRB rewrite
Figure 12.27 PWM Mode Operation Example (0% Duty Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com