Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 443Page - Renesas Technology Corp SH7041A Datasheet HTML 444Page - Renesas Technology Corp SH7041A Datasheet HTML 445Page - Renesas Technology Corp SH7041A Datasheet HTML 446Page - Renesas Technology Corp SH7041A Datasheet HTML 447Page - Renesas Technology Corp SH7041A Datasheet HTML 448Page - Renesas Technology Corp SH7041A Datasheet HTML 449Page - Renesas Technology Corp SH7041A Datasheet HTML 450Page - Renesas Technology Corp SH7041A Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 923 page
background image
409
12.7.18
Cautions on Transition from Normal Operation or PWM Mode 1 to Reset-
Synchronous PWM Mode
When making a transition from channel 3 or 4 normal operation or PWM mode 1 to reset-
synchronous PWM mode, if the counter is halted with the output pins (TIOC3B, TIOC3D,
TIOC4A, TIOC4C, TIOC4B, TIOC4D) in the high-impedance state, followed by the transition to
reset-synchronous PWM mode and operation in that mode, the initial pin output will not be
correct.
When making a transition from normal operation to reset-synchronous PWM mode, write H'11 to
registers TIOR3H, TIOR3L, TIOR4H, and TIOR4L to initialize the output pins to low level
output, then set an initial register value of H'00 before making the mode transition.
When making a transition from PWM mode 1 to reset-synchronous PWM mode, first switch to
normal operation, then initialize the output pins to low level output and set an initial register value
of H'00 before making the transition to reset-synchronous PWM mode.
12.7.19
Output Level in Complementary PWM Mode and Reset-Synchronous PWM Mode
When channels 3 and 4 are in complementary PWM mode or reset-synchronous PWM mode, the
PWM waveform output level is set with the OLSP and OLSN bits in the timer output control
register (TOCR). In the case of complementary PWM mode or reset-synchronous PWM mode,
TIOR should be set to H'00.
12.7.20
Cautions on Using the Chopping Function in Complementary PWM Mode or Reset
Synchronous PWM Mode (A Mask Excluded)
When channels 3 and 4 are in complementary PWM mode or reset-synchronous PWM mode and
using the chopping output function, setting the PWM waveform output level to low active with the
OLSP and OLSN bits in the timer output control register (TOCR) will output an incorrect gate
signal or chopping output.
When channels 3 and 4 are in complementary PWM mode or reset-synchronous PWM mode and
using the chopping output function, the PWM output level should be set to high active.
12.7.21
Cautions on Carrying Out Buffer Operation of Channel 0 in PWM Mode (A Mask
Excluded)
In PWM mode 1, the TGRA and TGRB registers are used in pairs and PWM waveform is output
to the TIOCA pin. In the same manner, the TGRC and TGRD registers are used in pairs and PWM
waveform is output to the TIOCC pin. If either the TGRC or TGRD register is operating as a
buffer register, the TIOCC pin cannot execute default output setting or PWM waveform output
with the I/O control register (TIOR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com