Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 444Page - Renesas Technology Corp SH7041A Datasheet HTML 445Page - Renesas Technology Corp SH7041A Datasheet HTML 446Page - Renesas Technology Corp SH7041A Datasheet HTML 447Page - Renesas Technology Corp SH7041A Datasheet HTML 448Page - Renesas Technology Corp SH7041A Datasheet HTML 449Page - Renesas Technology Corp SH7041A Datasheet HTML 450Page - Renesas Technology Corp SH7041A Datasheet HTML 451Page - Renesas Technology Corp SH7041A Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 923 page
background image
410
Note that for channel 0, the TIOCC pin allows both default output setting by TIOR and PWM
output when setting buffer operation only for the TGRD register in PWM mode.
When using channel 0 in PWM mode 1 and setting buffer operation, use both the TGRC and
TGRD registers as buffer registers.
12.7.22
Cautions on Restarting with Sync Clear of Another Channel in Complementary
PWM Mode (A Mask Excluded)
The complementation PWM mode operates while waiting for the current, next and the following
set values as values of the PWM duty. If clearing sync from another channel during operation, the
PWM output will return to the default output and restart.
When restarting with sync clear, the following operations may occur:
1.When restarting with sync clear, the next set value is used for the PWM duty, however, the
following set value may be used by mistake.
2. If sync clear and the setting of the value following the next value of PWM duty (write to
TGR4D) occurs at the same time, the next set value may be overwritten.
How to avoid 1
When selecting the mode to transfer using the crest/trough in the complementary PWM transfer
mode, set the value following the next value of the PWM duty (write to TGR4D) while the
temporary register is not executing comparisons. Furthermore, set the occurrence timing of sync
clear while the temporary register is not executing comparisons.
When selecting the mode to transfer using the crest in the transfer mode, set the value following
the next value of the PWM duty (write to TGR4D) while the temporary register is not executing
comparisons and while TCNT3 and TCNT4 are counting up. Furthermore, set the occurrence
timing of sync clear while the temporary register is not executing comparisons and while TCNT3
and TCNT4 are counting up.
When selecting the mode to transfer using the trough in the transfer mode, set the value following
the next value of the PWM duty (write to TGR4D) while the temporary register is not executing
comparisons and while TCNT3 and TCNT4 are counting down. Furthermore, set the occurrence
timing of sync clear while the temporary register is not executing comparisons and while TCNT3
and TCNT4 are counting down.
How to avoid 2
Regardless of the transfer mode, set so that the sync clear and the setting of the value following
the next value (write to TGR4D) does not occur at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com