Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 448Page - Renesas Technology Corp SH7041A Datasheet HTML 449Page - Renesas Technology Corp SH7041A Datasheet HTML 450Page - Renesas Technology Corp SH7041A Datasheet HTML 451Page - Renesas Technology Corp SH7041A Datasheet HTML 452Page - Renesas Technology Corp SH7041A Datasheet HTML 453Page - Renesas Technology Corp SH7041A Datasheet HTML 454Page - Renesas Technology Corp SH7041A Datasheet HTML 455Page - Renesas Technology Corp SH7041A Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 923 page
background image
414
(1) Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in Normal Mode: Figure 12.96 shows an explanatory diagram of the case where an
error occurs in normal mode and operation is restarted in normal mode after re-setting.
1
RESET
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(normal)
12
TIOR
(1 init
0 out)
13
PFC
(MTU)
14
TSTR
(1)
MTU output
TIOC*A
TIOC*B
Port output
PEn
PEn
n=0 to 15
High-Z
High-Z
Figure 12.96 Error Occurrence in Normal Mode, Recovery in Normal Mode
1.After a reset, MTU output is low and ports are in the high-impedance state.
2.After a reset, the TMDR setting is for normal mode.
3.For channels 3 and 4, enable output with TOER before initializing the pins with TIOR.
4.Initialize the pins with TIOR.
(The example shows initial high output, with low output on
compare-match occurrence.)
5.Set MTU output with the PFC.
6.The count operation is started by TSTR.
7.Output goes low on compare-match occurrence.
8.An error occurs.
9.Set port output with the PFC and output the inverse of the active level.
10. The count operation is stopped by TSTR.
11. Not necessary when restarting in normal mode.
12.Initialize the pins with TIOR.
13.Set MTU output with the PFC.
14.Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com