Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 477Page - Renesas Technology Corp SH7041A Datasheet HTML 478Page - Renesas Technology Corp SH7041A Datasheet HTML 479Page - Renesas Technology Corp SH7041A Datasheet HTML 480Page - Renesas Technology Corp SH7041A Datasheet HTML 481Page - Renesas Technology Corp SH7041A Datasheet HTML 482Page - Renesas Technology Corp SH7041A Datasheet HTML 483Page - Renesas Technology Corp SH7041A Datasheet HTML 484Page - Renesas Technology Corp SH7041A Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 923 page
background image
443
12.9
Port Output Enable (POE)
The port output enable (POE) can be used to establish a high-impedance state for high-current
pins, by changing the
POE0–POE3 pin input, depending on the output status of the high-current
pins (PE09/TIOC3B, PE11/TIOC3D, PE12/TIOC4A, PE13/TIOC4B/
MRES,
PE14/TIOC4C/DACK0/
AH, PE15/TIOC4D/DACK1/IRQOUT). It can also simultaneously
generate interrupt requests.
The high-current pins also become high-impedance regardless of whether these pin functions are
selected in cases such as when the oscillator stops or in standby mode. Refer to section 4, Clock
Pulse Generator (CPG), for details.
12.9.1
Features
• Each of the POE0–POE3 input pins can be set for falling edge, φ/8 × 16, φ/16 × 16, or φ/128 ×
16 low-level sampling.
• High-current pins can be set to high-impedance state by POE0–POE3 pin falling-edge or low-
level sampling.
• High-current pins can be set to high-impedance state when the high-current pin output levels
are compared and simultaneous low-level output continues for one cycle or more (except in the
33.3 MHz version).
• Interrupts can be generated by input-level sampling or output-level comparison results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com