Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 484 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 484 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 480Page - Renesas Technology Corp SH7041A Datasheet HTML 481Page - Renesas Technology Corp SH7041A Datasheet HTML 482Page - Renesas Technology Corp SH7041A Datasheet HTML 483Page - Renesas Technology Corp SH7041A Datasheet HTML 484Page - Renesas Technology Corp SH7041A Datasheet HTML 485Page - Renesas Technology Corp SH7041A Datasheet HTML 486Page - Renesas Technology Corp SH7041A Datasheet HTML 487Page - Renesas Technology Corp SH7041A Datasheet HTML 488Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 923 page
background image
446
12.10
POE Register Descriptions
12.10.1
Input Level Control/Status Register (ICSR)
The input level control/status register (ICSR) is a 16-bit read/write register that selects the
POE0–
POE3 pin input modes, controls the enable/prohibit of interrupts, and indicates status. If any of the
POE3F–POE0F bits are set to 1, the high current pins become high impedance state.
ICSR is initialized to H'0000 by power-on resets; however, it is not initialized for manual resets,
standby mode, or sleep mode, so the previous data is maintained.
Bit:
15
14
13
12
11
10
9
8
POE3F
POE2F
POE1F
POE0F
—
—
—
PIE
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/(W)*
R/(W)*
R/(W)*
R/(W)*
RRR
R/W
Bit:
7
6
5
4
3
2
1
0
POE3M1 POE3M0 POE2M1 POE2M0 POE1M1 POE1M0 POE0M1 POE0M0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note: * Only 0 writes are possible to clear the flags.
• Bit 15—POE3 Flag (POE3F): This flag indicates that a high impedance request has been input
to the
POE3 pin.
Bit 15: POE3F
Description
0
Clear condition: By writing 0 to POE3F after reading a POE3F = 1
(initial value)
1
Set condition: When the input set by ICSR bits 7 and 6 occurs at
the
POE3 pin
• Bit 14—POE2 Flag (POE2F): This flag indicates that a high impedance request has been input
to the
POE2 pin.
Bit 14: POE2F
Description
0
Clear condition: By writing 0 to POE2F after reading a POE2F = 1
(initial value)
1
Set condition: When the input set by ICSR bits 5 and 4 occurs at
the
POE2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com