Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 482Page - Renesas Technology Corp SH7041A Datasheet HTML 483Page - Renesas Technology Corp SH7041A Datasheet HTML 484Page - Renesas Technology Corp SH7041A Datasheet HTML 485Page - Renesas Technology Corp SH7041A Datasheet HTML 486Page - Renesas Technology Corp SH7041A Datasheet HTML 487Page - Renesas Technology Corp SH7041A Datasheet HTML 488Page - Renesas Technology Corp SH7041A Datasheet HTML 489Page - Renesas Technology Corp SH7041A Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 923 page
background image
448
• Bits 5 and 4—POE2 Mode 1, 0 (POE2M1 and POE2M0): These bits select the input mode of
the
POE2 pin.
Bit 5:
POE2M1
Bit 4:
POE2M0
Description
0
0
Accept request on falling edge of
POE2 input. (initial value)
1
Accept request when
POE2 input has been sampled for 16
φ/8 clock pulses, and all are low level.
1
0
Accept request when
POE2 input has been sampled for 16
φ/16 clock pulses, and all are low level.
1
Accept request when
POE2 input has been sampled for 16
φ/128 clock pulses, and all are low level.
• Bits 3 and 2—POE1 Mode 1, 0 (POE1M1 and POE1M0): These bits select the input mode of
the
POE1 pin.
Bit 3:
POE1M1
Bit 2:
POE1M0
Description
0
0
Accept request on falling edge of
POE1 input. (initial value)
1
Accept request when
POE1 input has been sampled for 16
φ/8 clock pulses, and all are low level.
1
0
Accept request when
POE1 input has been sampled for 16
φ/16 clock pulses, and all are low level.
1
Accept request when
POE1 input has been sampled for 16
φ/128 clock pulses, and all are low level.
• Bits 1 and 0—POE0 Mode 1, 0 (POE0M1 and POE0M0): These bits select the input mode of
the
POE0 pin.
Bit 1:
POE0M1
Bit 0:
POE0M0
Description
0
0
Accept request on falling edge of
POE0 input. (initial value)
1
Accept request when
POE0 input has been sampled for 16
φ/8 clock pulses, and all are low level.
1
0
Accept request when
POE0 input has been sampled for 16
φ/16 clock pulses, and all are low level.
1
Accept request when
POE0 input has been sampled for 16
φ/128 clock pulses, and all are low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com