Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 485Page - Renesas Technology Corp SH7041A Datasheet HTML 486Page - Renesas Technology Corp SH7041A Datasheet HTML 487Page - Renesas Technology Corp SH7041A Datasheet HTML 488Page - Renesas Technology Corp SH7041A Datasheet HTML 489Page - Renesas Technology Corp SH7041A Datasheet HTML 490Page - Renesas Technology Corp SH7041A Datasheet HTML 491Page - Renesas Technology Corp SH7041A Datasheet HTML 492Page - Renesas Technology Corp SH7041A Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 923 page
background image
451
12.11
Operation
12.11.1
Input Level Detection Operation
If the input conditions set by the ICSR occur on any of the
POE pins, all high-current pins become
high-impedance state.
Falling Edge Detection: When a change from high to low level is input to the
POE pins.
Low-Level Detection: Figure 12.126 shows the low-level detection operation. Sixteen continuous
low levels are sampled with the sampling clock established by the ICSR. If even one high level is
detected during this interval, the low level is not accepted.
CK
Sampling
clock
3
POE input
PE9/TIOC3B
When low level is sampled
at all points
When high level is sampled
at least once
Flag set
(POE received)
Flag not set
High-impedance
state*
Note: * Other large-current pins (PE11/TIOC3D, PE12/TIOC4A, PE13/TIOC4B/
MRES, PE14/TIOC4C/DACK0/AH,
PE15/TIOC4D/DACK1/
IROOUT) also go to the high-impedance state at the same time.
2
1
2
1
16
13
8/16/128 clock
cycles
Figure 12.126 Low-Level Detection Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com