Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 489Page - Renesas Technology Corp SH7041A Datasheet HTML 490Page - Renesas Technology Corp SH7041A Datasheet HTML 491Page - Renesas Technology Corp SH7041A Datasheet HTML 492Page - Renesas Technology Corp SH7041A Datasheet HTML 493Page - Renesas Technology Corp SH7041A Datasheet HTML 494Page - Renesas Technology Corp SH7041A Datasheet HTML 495Page - Renesas Technology Corp SH7041A Datasheet HTML 496Page - Renesas Technology Corp SH7041A Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 923 page
background image
455
Section 13 Watchdog Timer (WDT)
13.1
Overview
The watchdog timer (WDT) is a 1-channel timer for monitoring system operations. If a system
encounters a problem (crashes, for example) and the timer counter overflows without being
rewritten correctly by the CPU, an overflow signal (
WDTOVF) is output externally. The WDT
can simultaneously generate an internal reset signal for the entire chip.
When the watchdog function is not needed, the WDT can be used as an interval timer. In the
interval timer operation, an interval timer interrupt is generated at each counter overflow. The
WDT is also used in recovering from the standby mode.
13.1.1
Features
• Works in watchdog timer mode or interval timer mode.
• Outputs WDTOVF in the watchdog timer mode. When the counter overflows in the watchdog
timer mode, overflow signal
WDTOVF is output externally. You can select whether to reset
the chip internally when this happens. Either the power-on reset or manual reset signal can be
selected as the internal reset signal.
• Generates interrupts in the interval timer mode. When the counter overflows, it generates an
interval timer interrupt.
• Clears standby mode.
• Works with eight counter input clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com