Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 486Page - Renesas Technology Corp SH7041A Datasheet HTML 487Page - Renesas Technology Corp SH7041A Datasheet HTML 488Page - Renesas Technology Corp SH7041A Datasheet HTML 489Page - Renesas Technology Corp SH7041A Datasheet HTML 490Page - Renesas Technology Corp SH7041A Datasheet HTML 491Page - Renesas Technology Corp SH7041A Datasheet HTML 492Page - Renesas Technology Corp SH7041A Datasheet HTML 493Page - Renesas Technology Corp SH7041A Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 923 page
background image
452
12.11.2
Output-Level Compare Operation
Figure 12.127 shows an example of the output-level compare operation for the combination of
PE09/TIOC3B and PE11/TIOC3D. The operation is the same for the other pin combinations.
CK
PE11/
TIOC3D
PE09/
TIOC3B
0 level overlapping detected
High impedance state
Figure 12.127 Output-Level Detection Operation
12.11.3
Release from High-Impedance State
High-current pins that have entered high-impedance state due to input-level detection can be
released either by returning them to their initial state with a power-on reset, or by clearing all of
the bit 12–15 (POE0F–POE3F) flags of the ICSR. High-current pins that have become high-
impedance due to output-level detection can be released either by returning them to their initial
state with a power-on reset, or by first clearing bit 9 (OCE) of the OCSR to disable output-level
compares, then clearing the bit 15 (OSF) flag. However, when returning from high-impedance
state by clearing the OSF flag, always do so only after outputting a high level from the high-
current pins (TIOC3B, TIOC3D, TIOC4A, TIOC4B, TIOC4C, and TIOC4D). High-level outputs
can be achieved by setting the MTU internal registers. See section 12.2, MTU Register
Descriptions, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com