Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 484Page - Renesas Technology Corp SH7041A Datasheet HTML 485Page - Renesas Technology Corp SH7041A Datasheet HTML 486Page - Renesas Technology Corp SH7041A Datasheet HTML 487Page - Renesas Technology Corp SH7041A Datasheet HTML 488Page - Renesas Technology Corp SH7041A Datasheet HTML 489Page - Renesas Technology Corp SH7041A Datasheet HTML 490Page - Renesas Technology Corp SH7041A Datasheet HTML 491Page - Renesas Technology Corp SH7041A Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 923 page
background image
450
• Bit 9—Output Level Compare Enable (OCE): This bit enables the start of output level
comparisons. When setting this bit, pay special attention to the output pin combinations shown
in table 12.19. When 0 is output, the OSF bit is set to 1 at the same time this bit is set, and
output goes to high impedance. Accordingly, bits 15–11 and bit 9 of the port E data register
(PEDR) are set to 1. For the MTU output comparison, set the bit to 1 after setting the MTU’s
output pins with the PFC. Set this bit only when using pins as outputs.
When the OCE bit is set to 1, if OIE = 0 a high-impedance request will not be issued even if
OSF is set to 1. Therefore, in order to have a high-impedance request issued according to the
result of the output comparison, the OIE bit must be set to 1. When OCE = 1 and OIE = 1, an
interrupt request will be generated at the same time as the high-impedance request; however,
this interrupt can be masked by means of an interrupt controller (INTC) setting.
Bit 9: OCE
Description
0
Output level compare disabled (initial value)
1
Output level compare enabled; makes an output high impedance request
when OSF = 1.
• Bit 8—Output Short Interrupt Enable (OIE): Makes interrupt requests when the OSF bit of the
OCSR is set.
Bit 8: OIE
Description
0
Interrupt requests disabled (initial value)
1
Interrupt requests enabled
• Bits 7–0—Reserved: Always read as 0, and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com