Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 498 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 498 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 494Page - Renesas Technology Corp SH7041A Datasheet HTML 495Page - Renesas Technology Corp SH7041A Datasheet HTML 496Page - Renesas Technology Corp SH7041A Datasheet HTML 497Page - Renesas Technology Corp SH7041A Datasheet HTML 498Page - Renesas Technology Corp SH7041A Datasheet HTML 499Page - Renesas Technology Corp SH7041A Datasheet HTML 500Page - Renesas Technology Corp SH7041A Datasheet HTML 501Page - Renesas Technology Corp SH7041A Datasheet HTML 502Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 923 page
background image
460
13.2.3
Reset Control/Status Register (RSTCSR)
The RSTCSR is an 8-bit readable and writable register. (The RSTCSR differs from other registers
in that it is more difficult to write. See section 13.2.4, Register Access, for details.) It controls
output of the internal reset signal generated by timer counter (TCNT) overflow and selects the
internal reset signal type. RSTCR is initialized to H'1F by input of a reset signal from the
RES pin,
but is not initialized by the internal reset signal generated by the overflow of the WDT. It is
initialized to H'1F in standby mode.
Bit:
7
6
5
4
3
2
1
0
WOVF
RSTE
RSTS
—
—
—
—
—
Initial value:
0
0
0
1
1
1
1
1
R/W:
R/(W)*
R/W
R/W
R
R
R
R
R
Note: * Only 0 can be written in bit 7 to clear the flag.
• Bit 7—Watchdog Timer Overflow Flag (WOVF): Indicates that the TCNT has overflowed
(H'FF–H'00) in the watchdog timer mode. It is not set in the interval timer mode.
Bit 7: WOVF
Description
0
No TCNT overflow in watchdog timer mode (initial value)
Cleared when software reads WOVF, then writes 0 in WOVF
1
Set by TCNT overflow in watchdog timer mode
• Bit 6—Reset Enable (RSTE): Selects whether to reset the chip internally if the TCNT
overflows in the watchdog timer mode.
Bit 6: RSTE
Description
0
Not reset when TCNT overflows (initial value). LSI not reset internally,
but TCNT and TCSR reset within WDT.
1
Reset when TCNT overflows
• Bit 5—Reset Select (RSTS): Selects the type of internal reset generated if the TCNT overflows
in the watchdog timer mode.
Bit 5: RSTS
Description
0
Power-on reset (initial value)
1
Manual reset
• Bits 4–0—Reserved: These bits always read as 1. The write value should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com