Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 502 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 502 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 498Page - Renesas Technology Corp SH7041A Datasheet HTML 499Page - Renesas Technology Corp SH7041A Datasheet HTML 500Page - Renesas Technology Corp SH7041A Datasheet HTML 501Page - Renesas Technology Corp SH7041A Datasheet HTML 502Page - Renesas Technology Corp SH7041A Datasheet HTML 503Page - Renesas Technology Corp SH7041A Datasheet HTML 504Page - Renesas Technology Corp SH7041A Datasheet HTML 505Page - Renesas Technology Corp SH7041A Datasheet HTML 506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 923 page
background image
464
13.3.2
Interval Timer Mode
To use the WDT as an interval timer, clear WT/
IT to 0 and set TME to 1. An interval timer
interrupt (ITI) is generated each time the timer counter overflows. This function can be used to
generate interval timer interrupts at regular intervals (figure 13.5).
H'FF
TCNT value
ITI: Interval timer interrupt request generation
H'00
WT/
IT = 0
TME = 1
ITI
ITI
ITI
ITI
Time
Overflow
Overflow
Overflow
Overflow
Figure 13.5 Operation in the Interval Timer Mode
13.3.3
Clearing the Standby Mode
The watchdog timer has a special function to clear the standby mode with an NMI interrupt. When
using the standby mode, set the WDT as described below.
Before Transition to the Standby Mode: The TME bit in the TCSR must be cleared to 0 to stop
the watchdog timer counter before it enters the standby mode. The chip cannot enter the standby
mode while the TME bit is set to 1. Set bits CKS2–CKS0 so that the counter overflow interval is
equal to or longer than the oscillation settling time. See sections 25.3, and 26.3, AC
Characteristics, for the oscillation settling time.
Recovery from the Standby Mode: When an NMI request signal is received in standby mode,
the clock oscillator starts running and the watchdog timer starts incrementing at the rate selected
by bits CKS2–CKS0 before the standby mode was entered. When the TCNT overflows (changes
from H'FF to H'00), the clock is presumed to be stable and usable; clock signals are supplied to the
entire chip and the standby mode ends.
For details on the standby mode, see section 24, Power-Down State.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com