Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 589 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 589 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 585Page - Renesas Technology Corp SH7041A Datasheet HTML 586Page - Renesas Technology Corp SH7041A Datasheet HTML 587Page - Renesas Technology Corp SH7041A Datasheet HTML 588Page - Renesas Technology Corp SH7041A Datasheet HTML 589Page - Renesas Technology Corp SH7041A Datasheet HTML 590Page - Renesas Technology Corp SH7041A Datasheet HTML 591Page - Renesas Technology Corp SH7041A Datasheet HTML 592Page - Renesas Technology Corp SH7041A Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 923 page
background image
551
ADDRB
ADDRA
Channel 3
Channel 2
Channel 1
Channel 0
ADST
ADF
ADDRC
ADDRD
Sampling
1
Sampling
2
Sampling
3
A/D
conversion
1
A/D
conversion
2
A/D
conversion
3
Conversion standby
Conversion standby
Conversion standby
Conversion standby
Conversion
standby
Conversion
standby
Conversion
standby
Automatic clear
Set to 1 by software
Conversion result 1
Conversion result 2
Conversion result 3
Figure 15.6 A/D Converter Operation Example (Group-Single Mode)
15.4.4
Group-Scan Mode
Choose group-scan mode when doing repeated A/D conversions for multiple channels. This is
useful when doing continuous monitoring of the analog inputs of multiple channels.
When the ADST bit is set to 1, A/D conversion is started according to the designated conversion
start conditions. The ADST bit is held to 1 until 0 cleared by software. A/D conversion for the
selected input channels is repeated during that interval.
The ADF flag is set to 1 at the completion of the first conversions of all the designated input
channels. At this point, if the ADIE bit is set to 1, an ADI interrupt request is issued, and the A/D
converter is temporarily halted. With the A/D converter in stop mode due to an ADI interrupt
request, conversion is restarted when the ADF flag is cleared to 0. The ADF flag is cleared by
reading the ADCSR, then writing a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com