Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 590 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 590 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 586Page - Renesas Technology Corp SH7041A Datasheet HTML 587Page - Renesas Technology Corp SH7041A Datasheet HTML 588Page - Renesas Technology Corp SH7041A Datasheet HTML 589Page - Renesas Technology Corp SH7041A Datasheet HTML 590Page - Renesas Technology Corp SH7041A Datasheet HTML 591Page - Renesas Technology Corp SH7041A Datasheet HTML 592Page - Renesas Technology Corp SH7041A Datasheet HTML 593Page - Renesas Technology Corp SH7041A Datasheet HTML 594Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 923 page
background image
552
Figure 15.7 shows an example of operation in the group-scan mode when AN0–AN2 are selected.
ADDRB
ADDRA
Channel 3
Channel 2
Channel 1
Channel 0
ADST
ADF
ADDRC
ADDRD
Sam-
pling
1
Sam-
pling
4
Sam-
pling
2
Conver-
sion
standby
Conversion standby
Sam-
pling
5
Sam-
pling
3
Sam-
pling
6
A/D
conver-
sion 1
A/D
conver-
sion 4
A/D
conver-
sion 2
A/D
conver-
sion 5
A/D
conver-
sion 3
Conversion
standby
Conversion standby
Conversion standby
Conver-
sion
standby
Conver-
sion
standby
Cleared to 0 by software
Set to 1 by software
Conversion result 1
Conversion result 4
Conversion result 5
Conversion result 2
Conversion result 3
Conver-
sion
stopped
Figure 15.7 A/D Converter Operation Example (Group-Scan Mode)
15.4.5
Buffer Operation
When conversion ends on the relevant channel, the conversion result is stored in the ADDR, and
simultaneously, the previously stored result is transferred to another ADDR. Buffer operation can
be selected from the following:
• AN0 → ADDRA → ADDRB (Two-stage, one-group operation)
• AN0 → ADDRA → ADDRC, AN1 → ADDRB → ADDRD (Two-stage, two-group
operation)
• AN0 → ADDRA → ADDRB → ADDRC → ADDRD (Four-stage, one-group operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com