Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 601 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 601 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 597Page - Renesas Technology Corp SH7041A Datasheet HTML 598Page - Renesas Technology Corp SH7041A Datasheet HTML 599Page - Renesas Technology Corp SH7041A Datasheet HTML 600Page - Renesas Technology Corp SH7041A Datasheet HTML 601Page - Renesas Technology Corp SH7041A Datasheet HTML 602Page - Renesas Technology Corp SH7041A Datasheet HTML 603Page - Renesas Technology Corp SH7041A Datasheet HTML 604Page - Renesas Technology Corp SH7041A Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 923 page
background image
563
When the DTC or DMAC are activated by an ADI interrupt, the ADF flag is cleared to 0 when the
final specified data register is read.
Table 15.9
High Speed A/D Converter Interrupt Sources
Interrupt Source
Description
DTC, DMAC Activation
ADI
Interrupt caused by conversion end
Possible
15.6
Notes on Use
Take note of the following for the A/D converter.
1.
Analog input voltage range
During A/D conversions, see that the voltage applied to the analog input pins AN0–AN7 is
within the range Avss
≤ AN0–AN7 ≤ AVcc.
2.
AVcc and AVss input voltages
The AVcc and AVss input voltage must be AVcc = Vcc ± 10%, AVss = Vss. When not using
the A/D converter, use AVcc = Vcc, AVss = Vss. During the standby mode, use V
RAM ≤ Avcc
≤ 5.5V, AVss = Vss. V
RAM is the RAM standby voltage.
3.
AVref input voltage
The analog standard voltage AVref (AV
ref) must be Avref ≤ AVcc. When not using the A/D
converter, use AV
ref = Vcc. During the standby mode, use VRAM ≤ AVref ≤ AVcc. VRAM is the
RAM standby voltage.
4.
Input ports
The time constant for the circuit connecting to the input port must be shorter than the sampling
time of the A/D converter. Input voltage may not be sampled sufficiently when the time
constant of the circuit is long.
5.
Conversion start modes
Depending on the PWR bit setting, the demand for A/D conversion will differ for the high-
speed start mode and low-demand conversion mode.
6.
Analog input pins handling
Connect a protection circuit as shown in figure 15.14 to prevent analog input pins (AN0–AN7)
from being destroyed due to abnormal voltage from surge, etc. This circuit is also equipped
with a CR filter to control errors due to noise. The circuit shown in the diagram is only an
example and the number of circuits is to be determined by considering the actual condition of
use.
Figure 15.15 shows an equivalent circuit of analog input pins and table 15.10 shows the
specification of the analog input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com