Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 605 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 605 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 601Page - Renesas Technology Corp SH7041A Datasheet HTML 602Page - Renesas Technology Corp SH7041A Datasheet HTML 603Page - Renesas Technology Corp SH7041A Datasheet HTML 604Page - Renesas Technology Corp SH7041A Datasheet HTML 605Page - Renesas Technology Corp SH7041A Datasheet HTML 606Page - Renesas Technology Corp SH7041A Datasheet HTML 607Page - Renesas Technology Corp SH7041A Datasheet HTML 608Page - Renesas Technology Corp SH7041A Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 923 page
background image
567
Section 16 Mid-Speed A/D Converter (A Mask)
16.1
Overview
The mid-speed A/D converter has 10 bit resolution, and can select from a maximum of eight
channels of analog input.
The mid-speed A/D converter is structured by two independent modules (A/D0 and A/D1)
16.1.1
Features
The mid-speed A/D converter has the following features:
• 10-bit resolution
• Eight input channels (four channels times two)
• Analog conversion voltage range setting is selectable
 Using the standard voltage pin (AVref) as an analog standard voltage (Vref), conversion of
analog input from 0V to Vref (only with SH7041A, SH7043A, and SH7045).
(Connected to AV
CC internally in the SH7040A, SH7042A, and SH7044.)
• High speed conversion
 Minimum conversion time: per channel
 Operation frequency: f≤20MHz, CKS=0, 1
6.7µs (20MHz, CKS=1)
 Operation frequency: f>20MHz, CKS=0
9.3µs (28.7MHz, CKS=0)
• Multiple conversion modes
 Single mode/scan mode
 2 channel simultaneous conversion
• Three types of conversion start
 Software, timer conversion start trigger (MTU), or ADTRG pin can be selected.
• Eight data registers
 Conversion results stored in 16-bit data registers corresponding to each channel.
• Sample and hold function
• A/D conversion end interrupt generation
 An A/D conversion end interrupt (ADI) can be generated on completion of A/D
conversion.
• Furthermore, ADI0 (A/D0 interrupt request) can activate DTC and ADI1 (A/D1 interrupt
request) can activate DMAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com