Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 629 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 629 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 625Page - Renesas Technology Corp SH7041A Datasheet HTML 626Page - Renesas Technology Corp SH7041A Datasheet HTML 627Page - Renesas Technology Corp SH7041A Datasheet HTML 628Page - Renesas Technology Corp SH7041A Datasheet HTML 629Page - Renesas Technology Corp SH7041A Datasheet HTML 630Page - Renesas Technology Corp SH7041A Datasheet HTML 631Page - Renesas Technology Corp SH7041A Datasheet HTML 632Page - Renesas Technology Corp SH7041A Datasheet HTML 633Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 629 / 923 page
background image
591
17.2.2
Compare Match Timer Control/Status Register (CMCSR)
The compare match timer control/status register (CMCSR) is a 16-bit register that indicates the
occurrence of compare matches, sets the enable/disable of interrupts, and establishes the clock
used for incrementation. It is initialized to H'0000 by power-on resets and by standby mode.
Manual reset does not initialize CMCSR.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
CMF
CMIE
—
—
—
—
CKS1
CKS0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/(W)*
R/W
R
R
R
R
R/W
R/W
Note: * The only value that can be written is a 0 to clear the flag.
• Bits 15–8 and 5–2—Reserved: These bits always read as 0. The write value should always be
0.
• Bit 7—Compare Match Flag (CMF): This flag indicates whether or not the CMCNT and
CMCOR values have matched.
Bit 7: CMF
Description
0
CMCNT and CMCOR values have not matched (initial status)
Clear condition: Write a 0 to CMF after reading a 1 from it
1
CMCNT and CMCOR values have matched
• Bit 6—Compare Match Interrupt Enable (CMIE): Selects whether to enable or disable a
compare match interrupt (CMI) when the CMCNT and CMCOR values have matched (CMF =
1).
Bit 6: CMIE
Description
0
Compare match interrupts (CMI) disabled (initial status)
1
Compare match interrupts (CMI) enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com