Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 631 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 631 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 627Page - Renesas Technology Corp SH7041A Datasheet HTML 628Page - Renesas Technology Corp SH7041A Datasheet HTML 629Page - Renesas Technology Corp SH7041A Datasheet HTML 630Page - Renesas Technology Corp SH7041A Datasheet HTML 631Page - Renesas Technology Corp SH7041A Datasheet HTML 632Page - Renesas Technology Corp SH7041A Datasheet HTML 633Page - Renesas Technology Corp SH7041A Datasheet HTML 634Page - Renesas Technology Corp SH7041A Datasheet HTML 635Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 631 / 923 page
background image
593
17.2.4
Compare Match Timer Constant Register (CMCOR)
The compare match timer constant register (CMCOR) is a 16-bit register that sets the compare
match period with the CMCNT.
The CMCOR is initialized to H'FFFF by power-on resets and by standby mode. There is no
initializing with manual reset.
Bit:
15
14
13
12
11
10
9
8
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
17.3
Operation
17.3.1
Period Count Operation
When an internal clock is selected with the CKS1, CKS0 bits of the CMCSR register and the STR
bit of the CMSTR is set to 1, the CMCNT begins incrementing with the selected clock. When the
CMCNT counter value matches that of the compare match constant register (CMCOR), the
CMCNT counter is cleared to H'0000 and the CMF flag of the CMCSR register is set to 1. If the
CMIE bit of the CMCSR register is set to 1 at this time, a compare match interrupt (CMI) is
requested. The CMCNT counter begins counting up again from H'0000.
Figure 17.2 shows the compare match counter operation.
CMCOR
H'0000
CMCNT value
Time
Counter cleared by
CMCOR compare match
Figure 17.2 Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com