Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 744 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 744 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 740Page - Renesas Technology Corp SH7041A Datasheet HTML 741Page - Renesas Technology Corp SH7041A Datasheet HTML 742Page - Renesas Technology Corp SH7041A Datasheet HTML 743Page - Renesas Technology Corp SH7041A Datasheet HTML 744Page - Renesas Technology Corp SH7041A Datasheet HTML 745Page - Renesas Technology Corp SH7041A Datasheet HTML 746Page - Renesas Technology Corp SH7041A Datasheet HTML 747Page - Renesas Technology Corp SH7041A Datasheet HTML 748Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 744 / 923 page
background image
706
Set SWE bit in FLMCR1
n
= 1
m = 0
Write 32-byte data in reprogram data area
in RAM to flash memory consecutively
Start of programming
NG
NG
NG
NG
OK
OK
OK
*2
*5
*5
*5
*5
*5
*5
*5
*5
*5
Store 32-byte program data in
reprogram data area
*4
*1
*5
Read verify data
Clear SWE bit in FLMCR1
m = 1
End of programming
Program data = verify data?
End of 32-byte
data verification?
flag = 0?
Verify
Increment address
Programming failure
OK
Clear SWE bit in FLMCR1
n
≥ 1000
n
← n + 1
Notes: *1 Data transfer is performed by byte transfer. The lower
8 bits of the first address written to must be H'00, H'20, H'40,
H'60, H'80, H'A0, H'C0, or H'E0. A 32-byte data transfer
must be performed even if writing fewer than 32 bytes;
in this case, H'FF data must be written to the extra addresses.
*2 Verify data is read in 32-bit (longword) units.
*3 Even bits for which programming has been completed in a
32-byte programming loop will be subjected to additional
programming if they fail the subsequent verify operation.
*4 A 32-byte area for storing program data and a 32-byte area for
storing reprogram data are required in RAM. The contents of
the latter are rewritten according to the progress of the
programming operation.
*5 Make sure to set the wait times and repetitions as specified.
Programming may not complete correctly if values other than
the specified ones are used.
Start
RAM
Program data storage
area (32 bytes)
Reprogram data storage
area (32 bytes)
*3
*3
*4
End of programming
Perform programming in the erased state.
Do not perform additional programming
on previously programmed addresses.
Write data (D)
Note: The memory erased state is 1. Programming is performed on 0 data.
Verify data (V) Rewrite data (X)
Comment
Programming completed
Programming incomplete; reprogram
Still in erased state; no action
0
0
1
1
0
1
0
1
1
0
1
1
Enable WDT
Disable WDT
Reprogram data computation
Transfer reprogram data to reprogram
data area
Wait 10
µs
Clear PV1(2) bit in FLMCR1(2)
Wait 4
µs
Dummy write of H'FF to verify address
Wait 2
µs
Set PV1(2) bit in FLMCR1(2)
Wait 4
µs
Clear PSU1(2) bit in FLMCR1(2)
Wait 10
µs
Clear P1(2) bit in FLMCR1(2)
Wait 10
µs
Set P1(2) bit in FLMCR1(2)
Wait 200
µs
Set PSU1(2) bit in FLMCR1(2)
Wait 50
µs
Figure 22.13 Program/Program Verify Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com