Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 743 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 743 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 739Page - Renesas Technology Corp SH7041A Datasheet HTML 740Page - Renesas Technology Corp SH7041A Datasheet HTML 741Page - Renesas Technology Corp SH7041A Datasheet HTML 742Page - Renesas Technology Corp SH7041A Datasheet HTML 743Page - Renesas Technology Corp SH7041A Datasheet HTML 744Page - Renesas Technology Corp SH7041A Datasheet HTML 745Page - Renesas Technology Corp SH7041A Datasheet HTML 746Page - Renesas Technology Corp SH7041A Datasheet HTML 747Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 923 page
background image
705
FLMCRn. The time during which the Pn bit is set is the flash memory programming time. Set
200 µs as the time for one programming operation.
22.7.2
Program-Verify Mode (n = 1 for Addresses H'0000–H'1FFFF, n = 2 for Addresses
H'20000–H'3FFFF)
In program-verify mode, the data written in program mode is read to check whether it has been
correctly written in the flash memory.
After the elapse of a given programming time, the programming mode is exited (the Pn bit in
FLMCRn is released, then the PSUn bit is released at least 10 µs later). The watchdog timer is
released after the elapse of 10 µs or more, and the operating mode is switched to program-verify
mode by setting the PVn bit in FLMCRn. Before reading in program-verify mode, a dummy write
of H'FF data should be made to the addresses to be read. The dummy write should be executed
after the elapse of 4 µs or more. When the flash memory is read in this state (verify data is read in
32-bit units), the data at the latched address is read. Wait at least 2 µs after the dummy write
before performing this read operation. Next, the written data is compared with the verify data, and
reprogram data is computed (see figure 22.13) and transferred to the reprogram data area. After 32
bytes of data have been verified, exit program-verify mode, wait for at least 4 µs, then release the
SWE bit in FLMCR1. If reprogramming is necessary, set program mode again, and repeat the
program/program-verify sequence as before. However, ensure that the program/program-verify
sequence is not repeated more than 1,000 times on the same bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com