Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 739 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 739 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 735Page - Renesas Technology Corp SH7041A Datasheet HTML 736Page - Renesas Technology Corp SH7041A Datasheet HTML 737Page - Renesas Technology Corp SH7041A Datasheet HTML 738Page - Renesas Technology Corp SH7041A Datasheet HTML 739Page - Renesas Technology Corp SH7041A Datasheet HTML 740Page - Renesas Technology Corp SH7041A Datasheet HTML 741Page - Renesas Technology Corp SH7041A Datasheet HTML 742Page - Renesas Technology Corp SH7041A Datasheet HTML 743Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 739 / 923 page
background image
701
Automatic SCI Bit Rate Adjustment
Start
Bit
Stop
Bit
D0
D1
D2
D3
D4
D5
D6
D7
High period of
more than 1 bit
Low period (9 bits) measured (H'00 data)
Figure 22.10 Automatic SCI Bit Rate Adjustment
When boot mode is initiated, the LSI measures the low period of the asynchronous SCI
communication data (H'00) transmitted continuously from the host. The SCI transmit/receive
format should be set as follows: 8-bit data, 1 stop bit, no parity. The LSI calculates the bit rate of
the transmission from the host from the measured low period, and transmits one H'00 byte to the
host to indicate the end of bit rate adjustment. The host should confirm that this adjustment end
indication (H'00) has been received normally, and transmit one H'55 byte to the LSI. If reception
cannot be performed normally, initiate boot mode again (reset), and repeat the above operations.
Depending on the host’s transmission bit rate and the LSI’s system clock frequency, there will be
a discrepancy between the bit rates of the host and the LSI. To ensure correct SCI operation, the
host's transfer bit rate should be set to 9,600 or 4,800 bps.
Table 22.7 shows host transfer bit rates and system clock frequencies for which automatic
adjustment of the LSI bit rate is possible. The boot program should be executed within this system
clock range.
Table 22.7
System Clock Frequencies for which Automatic Adjustment of LSI Bit Rate is
Possible
Host Bit Rate
System Clock Frequency for which Automatic Adjustment
of LSI Bit Rate is Possible
9,600 bps
8 to 28.7 MHz
4,800 bps
4 to 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com