Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 735 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 735 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 731Page - Renesas Technology Corp SH7041A Datasheet HTML 732Page - Renesas Technology Corp SH7041A Datasheet HTML 733Page - Renesas Technology Corp SH7041A Datasheet HTML 734Page - Renesas Technology Corp SH7041A Datasheet HTML 735Page - Renesas Technology Corp SH7041A Datasheet HTML 736Page - Renesas Technology Corp SH7041A Datasheet HTML 737Page - Renesas Technology Corp SH7041A Datasheet HTML 738Page - Renesas Technology Corp SH7041A Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 923 page
background image
697
• Bit 2—RAM Select (RAMS): Specifies selection or non-selection of flash memory emulation
in RAM. When RAMS = 1, all flash memory block are program/erase-protected. This bit is
ignored when the on-chip ROM is disabled.
Bit 2: RAMSDescription
0
Emulation not selected
Program/erase protect of all flash memory blocks is disabled (Initial value)
1
Emulation selected
Program/erase protect of all flash memory blocks is enabled
• Bits 1 and 0—Flash Memory Area Selection (RAM1, RAM0): These bits are used together
with bit 2 to select the flash memory area to be overlapped with RAM. (See table 22.5.)
Table 22.5
Separation of the Flash Memory Area
Addresses
Block Name
RAMSRAM1
RAM0
H'FFF800–H'FFFBFF
RAM area 1kB
0
**
H'03F000–H'03F3FF
EB8 (1kB)
1
0
0
H'03F400–H'03F7FF
EB9 (1kB)
1
0
1
H'03F800–H'03FBFF
EB10(1kB)
1
1
0
H'03FC00–H'03FFFF
EB11(1kB)
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com