Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 732 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 732 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 728Page - Renesas Technology Corp SH7041A Datasheet HTML 729Page - Renesas Technology Corp SH7041A Datasheet HTML 730Page - Renesas Technology Corp SH7041A Datasheet HTML 731Page - Renesas Technology Corp SH7041A Datasheet HTML 732Page - Renesas Technology Corp SH7041A Datasheet HTML 733Page - Renesas Technology Corp SH7041A Datasheet HTML 734Page - Renesas Technology Corp SH7041A Datasheet HTML 735Page - Renesas Technology Corp SH7041A Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 923 page
background image
694
• Bit 3—Erase-Verify 2 (EV2): Selects erase-verify mode transition or release (applicable
addresses: H'20000–H'3FFFF). Do not set the ESU2, PSU2, PV2, E2, or P2 bit at the same
time.
Bit 3: EV2
Description
0
Erase verify mode release (Initial value)
1
Transition to the erase verify mode
[Setting condition] When FWE=1 and SWE=1
• Bit 2—Program-Verify 2 (PV2): Selects program-verify mode transition or release (applicable
addresses: H'20000–H'3FFFF). Do not set the ESU2, PSU2, EV2, E2, or P2 bit at the same
time.
Bit 2: PV2
Description
0
Program verify mode release (Initial value)
1
Transition to the program verify mode
[Setting condition] When FWE=1, and SWE=1
• Bit 1—Erase 2 (E2): Selects erase mode transition or release (applicable addresses: H'20000–
H'3FFFF). Do not set the ESU2, PSU2, EV2, PV2, or P2 bit at the same time.
Bit 1: E2
Description
0
Erase mode release (Initial value)
1
Transition to the erase mode
[Setting condition] When FWE=1, SWE=1, and ESU2=1
• Bit 0—Program 2 (P2): Selects program mode transition or release (applicable addresses:
H'20000–H'3FFFF). Do not set the ESU2, PSU2, EV2, PV2, or E2 bit at the same time.
Bit 0: P2
Description
0
Program mode release(Initial value)
1
Transition to the program mode
[Setting condition] When FWE=1, SWE=1, and PSU2=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com