Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 733 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 733 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 729Page - Renesas Technology Corp SH7041A Datasheet HTML 730Page - Renesas Technology Corp SH7041A Datasheet HTML 731Page - Renesas Technology Corp SH7041A Datasheet HTML 732Page - Renesas Technology Corp SH7041A Datasheet HTML 733Page - Renesas Technology Corp SH7041A Datasheet HTML 734Page - Renesas Technology Corp SH7041A Datasheet HTML 735Page - Renesas Technology Corp SH7041A Datasheet HTML 736Page - Renesas Technology Corp SH7041A Datasheet HTML 737Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 733 / 923 page
background image
695
22.5.3
Erase Block Register 1 (EBR1)
EBR1 is an 8-bit register that specifies the flash memory erase area block by block. EBR1 is
initialized to H'00 by a power-on reset and standby mode, when a high level is input to the FWP
pin, and when a low level is input to the FWP pin and the SWE bit in FLMCR1 is not set. When a
bit in EBR1 is set to 1, the corresponding block can be erased. Other blocks are erase-protected.
Only one of the bits of EBR1 and EBR2 combined can be set. Do not set more than one bit. If
more than one bit is set, writes to bits ESU1, ESU2, E1, and E2 will be invalid. When on-chip
flash memory is disabled, a read will return H'00, and writes are invalid.
The flash memory block configuration is shown in table 22.4.
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
EB3
EB2
EB1
EB0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
22.5.4
Erase Block Register 2 (EBR2)
EBR2 is an 8-bit register that specifies the flash memory erase area block by block. EBR2 is
initialized to H'00 by a power-on reset and standby mode, when a high level is input to the FWP
pin, and when a low level is input to the FWP pin and the SWE bit in FLMCR1 is not set. When a
bit in EBR2 is set to 1, the corresponding block can be erased. Other blocks are erase-protected.
When on-chip flash memory is disabled, a read will return H'00, and writes are invalid.
The flash memory block configuration is shown in table 22.4.
Bit:
7
6
5
4
3
2
1
0
EB11
EB10
EB9
EB8
EB7
EB6
EB5
EB4
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com