Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 734 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 734 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 730Page - Renesas Technology Corp SH7041A Datasheet HTML 731Page - Renesas Technology Corp SH7041A Datasheet HTML 732Page - Renesas Technology Corp SH7041A Datasheet HTML 733Page - Renesas Technology Corp SH7041A Datasheet HTML 734Page - Renesas Technology Corp SH7041A Datasheet HTML 735Page - Renesas Technology Corp SH7041A Datasheet HTML 736Page - Renesas Technology Corp SH7041A Datasheet HTML 737Page - Renesas Technology Corp SH7041A Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 923 page
background image
696
Table 22.4
Flash Memory Erase Blocks
Block (size)
Addresses
EB0 (32kB)
H'000000–H'007FFF
EB1 (32kB)
H'008000–H'00FFFF
EB2 (32kB)
H'010000–H'017FFF
EB3 (32kB)
H'018000–H'01FFFF
EB4 (32kB)
H'020000–H'027FFF
EB5 (32kB)
H'028000–H'02FFFF
EB6 (32kB)
H'030000–H'037FFF
EB7 (28kB)
H'038000–H'03EFFF
EB8 (1kB)
H'03F000–H'03F3FF
EB9 (1kB)
H'03F400–H'03F7FF
EB10 (1kB)
H'03F800–H'03FBFF
EB11 (1kB)
H'03FC00–H'03FFFF
22.5.5
RAM Emulation Register (RAMER)
RAMER specifies the area of flash memory to be overlapped with part of RAM when emulating
real-time flash memory programming. RAMER is initialized to H'0000 by a power-on reset. It is
not initialized in software standby mode. RAMER settings should be made in user mode or user
program mode. (For details, see the description of the BSC.)
Flash memory area divisions are shown in table 22.5. To ensure correct operation of the emulation
function, the ROM for which RAM emulation is performed should not be accessed immediately
after this register has been modified. Normal execution of an access immediately after register
modification is not guaranteed.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
—
RAMS
RAM1
RAM0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R/W
R/W
R/W
• Bits 15–3—Reserved bits: These bits are always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com