Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 728 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 728 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 724Page - Renesas Technology Corp SH7041A Datasheet HTML 725Page - Renesas Technology Corp SH7041A Datasheet HTML 726Page - Renesas Technology Corp SH7041A Datasheet HTML 727Page - Renesas Technology Corp SH7041A Datasheet HTML 728Page - Renesas Technology Corp SH7041A Datasheet HTML 729Page - Renesas Technology Corp SH7041A Datasheet HTML 730Page - Renesas Technology Corp SH7041A Datasheet HTML 731Page - Renesas Technology Corp SH7041A Datasheet HTML 732Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 728 / 923 page
background image
690
22.5
Description of Registers
22.5.1
Flash Memory Control Register 1 (FLMCR1)
FLMCR1 is an 8-bit register used for flash memory operating mode control. Program-verify mode
or erase-verify mode for addresses H'00000–H'1FFFF is entered by setting SWE to 1 when FWE
= 1, then setting the EV1 or PV1 bit. Program mode for addresses H'00000–H'1FFFF is entered by
setting SWE to 1 when FWE = 1, then setting the PSU1 bit, and finally setting the P1 bit. Erase
mode for addresses H'00000–H'1FFFF is entered by setting SWE to 1 when FWE = 1, then setting
the ESU1 bit, and finally setting the E1 bit. FLMCR1 is initialized in the standby mode or with
power-on reset. Its initial value is H'80 when a low level is input to the FWP pin, and H'00 when a
high level is input. When on-chip flash memory is disabled, a read will return H'80, and writes are
invalid.
Writes to bits SWE, ESU1, PSU1, EV1, and PV1 are enabled only when FWE = 1 and SWE = 1;
writes to the E1 bit only when FWE = 1, SWE = 1, and ESU1 = 1; and writes to the P1 bit only
when FWE = 1, SWE = 1, and PSU1 = 1.
Bit:
7
6
5
4
3
2
1
0
FWE
SWE
ESU1
PSU1
EV1
PV1
E1
P1
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 7—Flash Write Enable Bit (FWE): Displays the state of the FWP pin which sets hardware
protection against flash memory programming/erasing.
Bit 7: FWE
Description
0
When high level is input to the FWP pin (hardware-protect state)
1
When low level is input to the FWP pin
• Bit 6—Software Write Enable Bit (SWE): Enables or disables the flash memory. This bit
should be set when setting bits 5–0, FLMCR2 bits 5–0, EBR1 bits 3–0, and EBR2 bits 7–0.
Bit 6: SWE
Description
0
Writes disabled
(Initial value)
1
Writes enabled
[Setting condition] When FWE=1
• Bit 5—Erase Setup Bit 1 (ESU1): Prepares for a transition to erase mode (applicable
addresses: H'00000–H'1FFFF). Do not set the SWE, PSU1, EV1, PV1, E1, or P1 bit at the
same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com