Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 724 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 724 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 720Page - Renesas Technology Corp SH7041A Datasheet HTML 721Page - Renesas Technology Corp SH7041A Datasheet HTML 722Page - Renesas Technology Corp SH7041A Datasheet HTML 723Page - Renesas Technology Corp SH7041A Datasheet HTML 724Page - Renesas Technology Corp SH7041A Datasheet HTML 725Page - Renesas Technology Corp SH7041A Datasheet HTML 726Page - Renesas Technology Corp SH7041A Datasheet HTML 727Page - Renesas Technology Corp SH7041A Datasheet HTML 728Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 724 / 923 page
background image
686
22.2.4
Flash Memory Emulation in RAM
Emulation should be performed in user mode or user program mode. When the emulation block
set in RAMER is accessed while the emulation function is being executed, data written in the
overlap RAM is read.
• User Mode
• User Program Mode
RAM
Flash memory
Application program
Emulation block
Overlap RAM (Emulation is executed
using data written to RAM)
SCI
Figure 22.5 Emulation
When overlap RAM data is confirmed, the RAMS bit is cleared, RAM overlap is released, and
writes should actually be performed to the flash memory.
When the programming control program is transferred to RAM, ensure that the transfer
destination and the overlap RAM do not overlap, as this will cause data in the overlap RAM to
be rewritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com