Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 727 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 727 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 723Page - Renesas Technology Corp SH7041A Datasheet HTML 724Page - Renesas Technology Corp SH7041A Datasheet HTML 725Page - Renesas Technology Corp SH7041A Datasheet HTML 726Page - Renesas Technology Corp SH7041A Datasheet HTML 727Page - Renesas Technology Corp SH7041A Datasheet HTML 728Page - Renesas Technology Corp SH7041A Datasheet HTML 729Page - Renesas Technology Corp SH7041A Datasheet HTML 730Page - Renesas Technology Corp SH7041A Datasheet HTML 731Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 727 / 923 page
background image
689
22.3
Pin Configuration
The flash memory is controlled by the pins shown in table 22.2.
Table 22.2
Pin Configuration
Pin Name
Abbreviation
I/O
Function
Power-on reset
RES
Input
Power-on reset
Flash write protect
FWP
Input
Flash program/erase protection by hardware
Mode 3
MD3
Input
Set operation mode of LSI
Mode 2
MD2
Input
Set operation mode of LSI
Mode 1
MD1
Input
Set operation mode of LSI
Mode 0
MD0
Input
Set operation mode of LSI
Transmit data
TxD1
Output
Serial send data output
Receive data
RxD1
Input
Serial receive data input
22.4
Register Configuration
Registers that control the flash memory when the on-chip flash memory is valid are shown in table
22.3.
Table 22.3
Register Configuration
Name
Abbre-
viation
R/W
Initial Value
Address
Access Size
Flash memory control register 1
FLMCR1 R/W*
1
H'00*
2
H'FFFF8580 8
Flash memory control register 2
FLMCR2 R/W*
1
H'00*
3
H'FFFF8581 8
Erase block register 1
EBR1
R/W*
1
H'00*
3
H'FFFF8582 8
Erase block register 2
EBR2
R/W*
1
H'00*
3
H'FFFF8583 8
RAM emulation register
RAMER
R/W
H'0000
H'FFFF8628 8, 16, 32
Notes: 1. FLMCR1, FLMCR2, EBR1, and EBR2 are 8-bit registers, and RAMER is a 16-bit
register.
2. Only byte accesses are valid for FLMCR1, FLMCR2, EBR1, and EBR2, the access
requiring 3 cycles. Three cycles are required for a byte or word access to RAMER, and
6 cycles for a longword access.
3. When a longword write is performed on RAMER, 0 must always be written to the lower
word (address H'FFFF8630). Operation is not guaranteed if any other value is written.
*1 In modes in which the on-chip flash memory is disabled, a read will return H'00, and
writes are invalid. Writes are also disabled when the FWE bit is set to 1 in FLMCR1.
*2 When a low level is input to the FWP pin, the initial value is H'80.
*3 When a high level is input to the FWP pin, or if a low level is input and the SWE bit in
FLMCR1 is not set, these registers are initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com