Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 749 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 749 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 745Page - Renesas Technology Corp SH7041A Datasheet HTML 746Page - Renesas Technology Corp SH7041A Datasheet HTML 747Page - Renesas Technology Corp SH7041A Datasheet HTML 748Page - Renesas Technology Corp SH7041A Datasheet HTML 749Page - Renesas Technology Corp SH7041A Datasheet HTML 750Page - Renesas Technology Corp SH7041A Datasheet HTML 751Page - Renesas Technology Corp SH7041A Datasheet HTML 752Page - Renesas Technology Corp SH7041A Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 923 page
background image
711
MOV.L
#OK,R7
;
R7 <- OK (return value)
Program_end
.EQU
$
MOV.B
#H’00,R0
MOV.B
R0,@(FLMCR1,GBR)
;
Clear SWE
;
RTS
NOP
;
.ALIGN
4
PdataBuff
.RES.B
32
22.7.3
Erase Mode (n = 1 for Addresses H'0000–H'1FFFF, n = 2 for Addresses H'20000–
H'3FFFF)
When erasing flash memory, the erase/erase-verify flowchart shown in figure 22.14 should be
followed.
To perform data or program erasure, set the flash memory area to be erased in erase block register
n (EBRn) at least 10 µs after setting the SWE bit to 1 in flash memory control register 1
(FLMCR1). Next, the watchdog timer is set to prevent overerasing in the event of program
runaway, etc. Set 5.3 µs as the WDT overflow period. After this, preparation for erase mode (erase
setup) is carried out by setting the ESUn bit in FLMCRn, and after the elapse of 200 µs or more,
the operating mode is switched to erase mode by setting the En bit in FLMCRn. The time during
which the En bit is set is the flash memory erase time. Set an erase time of 5 ms.
Note:
With flash memory erasing, preprogramming (setting all memory data in the memory to
be erased to all “0”) is not necessary before starting the erase procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com