Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 752 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 752 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 748Page - Renesas Technology Corp SH7041A Datasheet HTML 749Page - Renesas Technology Corp SH7041A Datasheet HTML 750Page - Renesas Technology Corp SH7041A Datasheet HTML 751Page - Renesas Technology Corp SH7041A Datasheet HTML 752Page - Renesas Technology Corp SH7041A Datasheet HTML 753Page - Renesas Technology Corp SH7041A Datasheet HTML 754Page - Renesas Technology Corp SH7041A Datasheet HTML 755Page - Renesas Technology Corp SH7041A Datasheet HTML 756Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 923 page
background image
714
• Sample one-block erase program
The wait time set values (number of loops) are for the case where f = 28.7 MHz. For other
frequencies, the set value is given by the following expression:
Wait time (µS)
× f (MHz) ÷ 4
The WDT overflow cycle set value is for the case where f = 28.7 MHz. For other frequencies,
ensure that the overflow cycle is a minimum of 5.3 ms.
Registers Used
R5 (input):
Memory block table pointer
R7 (output):
OK (normal) or NG (error)
R0-3, 6, 8-9:
Work registers
FLMCR1
.EQU
H’80
FLMCR2
.EQU
H’81
EBR1
.EQU
H’82
EBR2
.EQU
H’83
Wait10u
.EQU
72
Wait2u
.EQU
14
Wait200u
.EQU
1435
Wait5m
.EQU
35875
Wait20u
.EQU
144
Wait5u
.EQU
36
WDT_TCSR
.EQU
H’FFFF8610
WDT_9m
.EQU
H’A57D
SWESET
.EQU
B’01000000
ESUSET
.EQU
B’00100000
ESET
.EQU
B’00000010
ECLEAR
.EQU
B’11111101
ESUCLEAR
.EQU
B’11011111
EVSET
.EQU
B’00001000
EVCLEAR
.EQU
B’11110111
SWECLEAR
.EQU
B’10111111
MAXErase
.EQU
60
;
FlashErase
.EQU
$
MOV.L
#H’FFFF8500,R0
LDC
R0,GBR
;
Initialize GBR
MOV.L
#1,R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com