Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 756 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 756 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 752Page - Renesas Technology Corp SH7041A Datasheet HTML 753Page - Renesas Technology Corp SH7041A Datasheet HTML 754Page - Renesas Technology Corp SH7041A Datasheet HTML 755Page - Renesas Technology Corp SH7041A Datasheet HTML 756Page - Renesas Technology Corp SH7041A Datasheet HTML 757Page - Renesas Technology Corp SH7041A Datasheet HTML 758Page - Renesas Technology Corp SH7041A Datasheet HTML 759Page - Renesas Technology Corp SH7041A Datasheet HTML 760Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 756 / 923 page
background image
718
22.8
Protection
There are two kinds of flash memory program/erase protection, hardware protection and software
protection.
22.8.1
Hardware Protection
Hardware protection refers to a state in which programming/erasing of flash memory is forcibly
disabled or aborted. Hardware protection is reset by settings in flash memory control register 1
(FLMCR1), flash memory control register 2 (FLMCR2), erase block register 1 (EBR1), and erase
block register 2 (EBR2). The FLMCR1, FLMCR2, EBR1, and EBR2 settings are retained in the
error-protected state. (See table 22.8.)
Table 22.8
Hardware Protection
Function
Item
Description
Program Erase
FWP pin
protection
• When a high level is input to the FWP pin, FLMCR1,
FLMCR2, EBR1, and EBR2 are initialized, and the
program/erase-protected state is entered.
Yes
Yes
Reset/standby
protection
• In a reset (including a WDT overflow reset) and in
standby mode, FLMCR1, FLMCR2, EBR1, and EBR2 are
initialized, and the program/erase-protected state is
entered.
• In a reset via the RES pin, the reset state is not entered
unless the
RES pin is held low until oscillation stabilizes
after powering on. In the case of a reset during operation,
hold the
RES pin low for the RES pulse width specified in
the AC Characteristics section.
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com