Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 757 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 757 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 753Page - Renesas Technology Corp SH7041A Datasheet HTML 754Page - Renesas Technology Corp SH7041A Datasheet HTML 755Page - Renesas Technology Corp SH7041A Datasheet HTML 756Page - Renesas Technology Corp SH7041A Datasheet HTML 757Page - Renesas Technology Corp SH7041A Datasheet HTML 758Page - Renesas Technology Corp SH7041A Datasheet HTML 759Page - Renesas Technology Corp SH7041A Datasheet HTML 760Page - Renesas Technology Corp SH7041A Datasheet HTML 761Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 757 / 923 page
background image
719
22.8.2
Software Protection
Software protection can be implemented by setting the SWE bit in FLMCR1, erase block register
1 (EBR1), erase block register 2 (EBR2), and the RAMS bit in the RAM emulation register
(RAMER). When software protection is in effect, setting the P1 or E1 bit in flash memory control
register 1 (FLMCR1), or the P2 or E2 bit in flash memory control register 2 (FLMCR2), does not
cause a transition to program mode or erase mode. (See table 22.9.)
Software protect can be enabled by setting the SWE bit of FLMCR1, block specification register 1
(EBR1), block specification register 2 (EBR2) and the RAMS bit of the RAM emulation register.
During software protect, transition cannot be made to the program mode or the erase mode even
when setting P1 or E1 bits of the flash memory control register 1 (FLMCR1), or P2 or E2 bits of
flash memory control register 2 (FLMCR2). (See table 22.9.)
Table 22.9
Software Protection
Function
Item
Description
Program Erase
SWE bit protection •
Clearing the SWE bit to 0 in FLMCR1 sets the
program/erase-protected state for all blocks.
(Execute in on-chip RAM or external memory.)
Yes
Yes
Block specification
protection
• Erase protection can be set for individual blocks by
settings in erase block register 1 (EBR1) and erase
block register 2 (EBR2).
• Setting EBR1 and EBR2 to H'00 places all blocks in
the erase-protected state.
—
Yes
Emulation
protection
• Setting the RAMS bit to 1 in the RAM emulation
register (RAMER) places all blocks in the
program/erase-protected state.
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com