Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 762 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 762 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 758Page - Renesas Technology Corp SH7041A Datasheet HTML 759Page - Renesas Technology Corp SH7041A Datasheet HTML 760Page - Renesas Technology Corp SH7041A Datasheet HTML 761Page - Renesas Technology Corp SH7041A Datasheet HTML 762Page - Renesas Technology Corp SH7041A Datasheet HTML 763Page - Renesas Technology Corp SH7041A Datasheet HTML 764Page - Renesas Technology Corp SH7041A Datasheet HTML 765Page - Renesas Technology Corp SH7041A Datasheet HTML 766Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 923 page
background image
724
22.10
Note on Flash Memory Programming/Erasing
In the on-board programming modes (user mode and user program mode), NMI input should be
disabled to give top priority to the program/erase operations (including RAM emulation).
22.11
Flash Memory Programmer Mode
Programs and data can be written and erased in programmer mode as well as in the on-board
programming modes. In programmer mode, flash memory read mode, auto-program mode, auto-
erase mode, and status read mode are supported. In auto-program mode, auto-erase mode, and
status read mode, a status polling procedure is used, and in status read mode, detailed internal
signals are output after execution of an auto-program or auto-erase operation.
In programmer mode, set the mode pins to PLL x2 mode (see table 22.10) and use a 6 MHz input
clock. The LSI will then operate at 12 MHz.
Table 22.10 shows the pin settings for programmer mode. For the pin names in programmer mode,
see section 1.3.2, Pin Arrangement by Mode).
Table 22.10 Programming Mode Pin Settings
Pin Names
Settings
Mode pin: MD3, MD2, MD1, MD0
1101 (PLL
× 2)
FWE pin
High level input (in auto-program and auto-
erase modes)
RES pin
Power-on reset circuit
XTAL, EXTAL, PLLVcc, PLLCAP, and PLLVss pins Oscillator circuit
Note:
During the programming mode, polarity of the FWP pin is inverted and becomes the FWE
(flash write enable) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com