Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 766 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 766 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 762Page - Renesas Technology Corp SH7041A Datasheet HTML 763Page - Renesas Technology Corp SH7041A Datasheet HTML 764Page - Renesas Technology Corp SH7041A Datasheet HTML 765Page - Renesas Technology Corp SH7041A Datasheet HTML 766Page - Renesas Technology Corp SH7041A Datasheet HTML 767Page - Renesas Technology Corp SH7041A Datasheet HTML 768Page - Renesas Technology Corp SH7041A Datasheet HTML 769Page - Renesas Technology Corp SH7041A Datasheet HTML 770Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 923 page
background image
728
22.11.2
Programmer Mode Operation
Table 22.11 shows how the different operating modes are set when using programmer mode, and
table 22.12 lists the commands used in programmer mode. Details of each mode are given below.
• Memory Read Mode
Memory read mode supports byte reads.
• Auto-Program Mode
Auto-program mode supports programming of 128 bytes at a time. Status polling is used to
confirm the end of auto-programming.
• Auto-Erase Mode
Auto-erase mode supports automatic erasing of the entire flash memory. Status polling is used
to confirm the end of auto-programming.
• Status Read Mode
Status polling is used for auto-programming and auto-erasing, and normal termination can be
confirmed by reading the I/O6 signal. In status read mode, error information is output if an
error occurs.
Table 22.11 Settings for Various Operating Modes In Programmer Mode
Pin names
Mode
FWE
CE
OE
WE
I/O7–0
A17–0
Read
H or L
L
L
H
Data output Ain
Output disable
H or L
L
H
H
Hi-z
Ain
Command write
H or L
L
H
L
Data input
*Ain
Chip disable
H or L
H
X
X
Hi-z
Ain
Notes: *Ain indicates that there is also address input in auto-program mode.
1. Chip disable is not a standby state; internally, it is an operation state.
2. For command writes in auto-program and auto-erase modes, input a high level to the
FWE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com