Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 776 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 776 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 772Page - Renesas Technology Corp SH7041A Datasheet HTML 773Page - Renesas Technology Corp SH7041A Datasheet HTML 774Page - Renesas Technology Corp SH7041A Datasheet HTML 775Page - Renesas Technology Corp SH7041A Datasheet HTML 776Page - Renesas Technology Corp SH7041A Datasheet HTML 777Page - Renesas Technology Corp SH7041A Datasheet HTML 778Page - Renesas Technology Corp SH7041A Datasheet HTML 779Page - Renesas Technology Corp SH7041A Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 923 page
background image
738
Table 22.20 Status Polling Output Truth Table
Pin Name
During Internal
Operation
Abnormal End
Normal End
I/O7
0101
I/O6
0011
I/O5–0
0000
22.11.8
Programmer Mode Transition Time
Commands cannot be accepted during the oscillation stabilization period or the programmer mode
setup period. After the programmer mode setup time, a transition is made to memory read mode.
Table 22.21 Stipulated Transition Times to Command Wait State
Item
Symbol
Min
Max
Unit
Notes
Standby release
(oscillation stabilization time)
t
OSC1
10
ms
Programmer mode setup time
t
bmv
10
ms
V
CC hold time
t
dwn
0ms
tOSC1
tbmv
tdwn
VCC
RES
FWE
Memory read
mode
Command
wait state
Automatic write mode
Automatic erase mode
Command wait state
Normal/abnormal
complete verify
Note : For the level of FWE input pin, set VIL when using other than the automatic write mode
and automatic erase mode.
Figure 22.28 Oscillation Stabilization Time and Boot Program Transfer Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com